Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72753 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST72753
Description  8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC, TIMER, SYNC, PWM/BRM, DDC/DMA & I2C
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72753 Datasheet(HTML) 1 Page - STMicroelectronics

  ST72753 Datasheet HTML 1Page - STMicroelectronics ST72753 Datasheet HTML 2Page - STMicroelectronics ST72753 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
April 1998
1/3
This is preliminary information on a new product in development or undergoing evaluation. Details are subject to change without notice.
R
ST72753
8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC,
TIMER, SYNC, PWM/BRM, DDC/DMA & I2C
BRIEF DATA
s
User ROM/OTP: up to 32 Kbytes
s
Data RAM: up to 1 Kbytes (256 bytes stack)
s
8 MHz Maximum Internal Clock Frequency in
fast mode, 4 MHz in normal mode
s
Run, Wait and Halt CPU modes
s
Sync Processor for Mode Recognition, power
management and composite video blanking,
clamping
and
free-running
frequency
generation.
– Corrector mode
– Analyzer mode
s
Fast I2C Multi Master Interface
s
DDC Bus Interface fully compliant with DDC1,
2B, 2B+, 2AB, 2Bi standards
s
18 I/O lines
– 1 high current I/O (10 mA)
– Up to 4 high voltage outputs (9V)
s
16-bit timer with 2 input captures and 2 output
compare functions (with 1 output pin)
s
8-bit Analog
to
Digital Converter
with
4
channels on port B
s
8 10-bit PWM/BRM Digital to Analog outputs
s
One 12-bit PWM/BRM Digital to Analog output
s
Master Reset and Power on/off reset1
s
Programmable Watchdog for system reliability
s
34-pin Shrink Dual In line Plastic package
s
Fully static operation
s
0 to + 70
oC Operating Temperature Range
s
4.0V to 5.5V supply operating range
s
24 MHz Quartz Oscillator
s
63 basic instructions/17 main address modes
s
8x8 unsigned multiply instruction
s
True bit manipulation
s
Versatile
Development
Tools
(DOS
and
Windows)
including
assembler,
linker,
C-
compiler, archiver, source level debugger,
programmer, and hardware emulator
Note 1: Power On/Off reset not implemented in
this revision.
Device Summary
Features
ST72753L6
ST72753L5
ST72753L4
ROM
(bytes)
32K
24K
16K
RAM
(bytes)
1K
768
512
ADC
4 channels
Timer
1
I2C Bus
one multimaster
DDC/DMA
yes
Sync
yes
PWM
6
I/O
18
OTP
Device
ST72T752L6M1
See Ordering Information at the end of the Document
PSO34
1


Similar Part No. - ST72753

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7275-1 STMICROELECTRONICS-ST7275-1 Datasheet
64Kb / 3P
8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
Apr-1998
ST72751N6 STMICROELECTRONICS-ST72751N6 Datasheet
64Kb / 3P
8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
Apr-1998
ST72751N6 STMICROELECTRONICS-ST72751N6 Datasheet
64Kb / 3P
8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
Apr-1998
ST72751N7 STMICROELECTRONICS-ST72751N7 Datasheet
64Kb / 3P
8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
Apr-1998
ST72751N7 STMICROELECTRONICS-ST72751N7 Datasheet
64Kb / 3P
8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
Apr-1998
More results

Similar Description - ST72753

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7275-1 STMICROELECTRONICS-ST7275-1 Datasheet
64Kb / 3P
8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
Apr-1998
RST7275-1 STMICROELECTRONICS-RST7275-1 Datasheet
64Kb / 3P
8-BIT, 56-PIN MCU FOR MONITORS, WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, IR, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
Apr-1998
ST7250 STMICROELECTRONICS-ST7250 Datasheet
19Kb / 1P
8-BIT MCU FOR CAN WITH 32K ROM, 1K RAM, EEPROM, ADC, WDG, PWM/BRM, 2 TIMERS, SPI AND SCI INTERFACES
Rev. 1.2
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
Aug-2000
ST7272 STMICROELECTRONICS-ST7272 Datasheet
6Mb / 119P
8-BIT MCU WITH 24K ROM, EEPROM,ADC,PWM/BRM DACs,SYNC PROCESSOR,EWPCC,TIMER AND DDC INTERFACE
May-1996
ST72752 STMICROELECTRONICS-ST72752 Datasheet
57Kb / 3P
8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC, TIMER, SYNC, PWM/BRM, DDC/DMA & I2C
Apr-1998
ST7277 STMICROELECTRONICS-ST7277 Datasheet
32Kb / 3P
8-BIT USB MCU FOR MONITORS WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, INFRA RED, SYNC, PWM/BRM, DDC/DMA, I2C & SCI
Apr-1998
ST72774 STMICROELECTRONICS-ST72774 Datasheet
1Mb / 144P
8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
Oct-2003
ST7263BDX STMICROELECTRONICS-ST7263BDX Datasheet
2Mb / 145P
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
Aug-2007
logo
Fortune Semiconductor C...
FS91M68 FORTUNE-FS91M68 Datasheet
869Kb / 24P
8-bit MCU with 1k program ROM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com