Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB16E2 Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # EB16E2
Description  OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EB16E2 Datasheet(HTML) 1 Page - Ecliptek Corporation

  EB16E2 Datasheet HTML 1Page - Ecliptek Corporation EB16E2 Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
EB16E2 Series
• RoHS Compliant (Pb-Free)
• Ceramic SMD package
• 1.8V Supply Voltage
• LVHCMOS output
• Stability to ±50ppm
• Standby Function
• Available on Tape and Reel
ECLIPTEK CORP.
OSCILLATOR
EB16E2
CERAMIC
1.8V
OS5E
12/07
OSCILLATOR
EB16E2
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
NOTES
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
H 0.9
L 3.2
W 2.5
ELECTRICAL SPECIFICATIONS
Frequency Range (F
O)
Operating Temperature Range (OTR)
Storage Temperature Range (STR)
Supply Voltage (V
DD)
Input Current (I
DD)
Frequency Tolerance/Stability
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise Time / Fall Time (T
R/TF)
Duty Cycle (SYM)
Load Drive Capability (C
LOAD)
Tri-State Input Voltage
Standby Current
Start Up Time (T
S)
RMS Phase Jitter
12.288MHz to 20.000MHz
20.001MHz to 50.000MHz
Inclusive of all conditions: Calibration Tolerance at 25°C,
Frequency Stability over the Operating Temperature Range,
Supply Voltage Change, Output Load Change, First Year
Aging at 25°C, Shock, and Vibration
20% to 80% of Waveform
at 50% of Waveform
No Connection
V
IH: >80% of VDD
V
IL: <20% of VDD
Disabled Output: High Impedance
F
J = 12kHz to 20MHz
-20°C to 70°C
-40°C to 85°C
-55°C to 125°C
1.8V
DC ±5%
2.5mA Maximum
3.0mA Maximum
±100ppm or ±50ppm Maximum
90% of V
DD Minimum
(I
OH = -4mA)
10% of V
DD Maximum (IOL = +4mA)
5nSeconds Maximum
50 ±5(%)
15pF HCMOS Load Maximum
Enables Output
Enables Output
Disables Output: High Impedance
10µA Maximum
10mSeconds Maximum
1pSeconds Maximum
12.288MHz, 13MHz, 13.5MHz, 16MHz, 16.9344MHz, 20MHz, 22.1184MHz, 24.576MHz, 25MHz, 26MHz,
27MHz, 30MHz, 32MHz, 40MHz, 48MHz, 50MHz


Similar Part No. - EB16E2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
EB16 TEC-EB16 Datasheet
4Mb / 4P
EB16 OPTICAL SINGLE MODE AND MULTIMODE PIN AND SOCKET TERMINI
logo
LUMEL S.A.
EB16 LUMEL-EB16 Datasheet
549Kb / 6P
MOVING-IRON METERS
logo
NEC
EB16-P1206-F NEC-EB16-P1206-F Datasheet
6Mb / 71P
Ferrite Cores
More results

Similar Description - EB16E2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
OSCILLATOR
logo
Ecliptek Corporation
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
OSCILLATOR
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
OSCILLATOR
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
OSCILLATOR
EH25 ECLIPTEK-EH25 Datasheet
142Kb / 2P
OSCILLATOR
logo
Jauch Quartz Gmbh
JO32 JAUCH-JO32 Datasheet
530Kb / 2P
Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com