Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB16E2 Datasheet(PDF) 2 Page - Ecliptek Corporation

Part # EB16E2
Description  OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EB16E2 Datasheet(HTML) 2 Page - Ecliptek Corporation

  EB16E2 Datasheet HTML 1Page - Ecliptek Corporation EB16E2 Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
EB16E2
CERAMIC
1.8V
OS5E
12/07
EB16E2 D 2 H - 40.000M TR
FREQUENCY TOLERANCE / STABILITY
C=±100ppm Maximum over -20°C to +70°C
D=±50ppm Maximum over -20°C to +70°C
G=±100ppm Maximum over -40°C to +85°C
H=±50ppm Maximum over -40°C to +85°C
PART NUMBERING GUIDE
*Compliant to EIA 481A
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
MARKING SPECIFICATIONS
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
SUGGESTED SOLDER PAD LAYOUT
ALL DIMENSIONS IN MILLIMETERS
TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
Tolerances= +0.1
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
Pin 1: Tri-State
Pin 2: Case Ground
Pin 3: Output
Pin 4: Supply Voltage
PACKAGING OPTIONS
Blank=Bulk, TR=Tape and Reel (Standard)
FREQUENCY
OUTPUT CONTROL FUNCTION
H=Tri-State
DUTY CYCLE
2=50 ±5(%)
3.20
±0.15
2.50
±0.15
0.90 ±0.20
0.75 ±0.10
1.20
±0.10
1.00
±0.10
1.00
±0.10
1
23
4
M
N
O
P
Q
1.5 MIN
50 MIN
20.2 MIN 13.0±0.5
40 MIN
R
S
T
U
V
QTY/REEL
2.5 MIN
10 MIN
14.4 MAX
180 MAX
8.4+1.5-0
1,000
REEL
A
B
C
D
E
F
8.0±0.2
3.5±0.1
2.75±0.1
4.0±0.1
2.0±0.1
F
G
H
J
K
L
4.0±0.1
2.7±.1
1.55 +0.5
3.4±.1 0.25 ±0.05
1.4±.1
TAPE
Line 1: E XX.X
Frequency in MHz (3 Digits Maximum + Decimal)
Line 2: XX Y ZZ
Week of Year
Last Digit of Year
Ecliptek Manufacturing Identifier
PARAMETER
Specification
ESD Susceptibility
MIL-STD-883, Method 3015, Class 1, HBM: 1500V
Fine Leak Test
MIL-STD-883, Method 1014, Condition A
Flammability
UL94-V0
Gross Leak Test
MIL-STD-883, Method 1014, Condition C
Mechanical Shock
MIL-STD-883, Method 2002, Condition B
Moisture Resistance
MIL-STD-883, Method 1004
Moisture Sensitivity
J-STD-020, MSL 1
Resistance to Soldering Heat
MIL-STD-202, Method 210, Condition K
Resistance to Solvents
MIL-STD-202, Method 215
Solderability
MIL-STD-883, Method 2003
Temperature Cycling
MIL-STD-883, Method 1010, Condition B
Vibration
MIL-STD-883, Method 2007, Condition A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com