Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB14E2 Datasheet(PDF) 3 Page - Ecliptek Corporation

Part # EB14E2
Description  OSCILLATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EB14E2 Datasheet(HTML) 3 Page - Ecliptek Corporation

  EB14E2 Datasheet HTML 1Page - Ecliptek Corporation EB14E2 Datasheet HTML 2Page - Ecliptek Corporation EB14E2 Datasheet HTML 3Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
OSCILLATOR
EB14E2
CERAMIC
3.0V
OS5B
02/06
EB14E2 E 2 H - 40.000M TR
FREQUENCY TOLERANCE / STABILITY
C=±100ppm Maximum over -20°C to +70°C
D=±50ppm Maximum over -20°C to +70°C
E=±25ppm Maximum over -20°C to +70°C
G=±100ppm Maximum over -40°C to +85°C
H=±50ppm Maximum over -40°C to +85°C
J=±25ppm Maximum over -40°C to +85°C
PART NUMBERING GUIDE
*Compliant to EIA 481A
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
MARKING SPECIFICATIONS
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
SUGGESTED SOLDER PAD LAYOUT
ALL DIMENSIONS IN MILLIMETERS
TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
Tolerances= +0.1
PARAMETER
Specification
Fine Leak Test
JIS C 6701 10.6 Leak Rate: 2.1x10-9 Pa-m3/6 Maximum.
Gross Leak Test
JIS C 6701 10.6 Leak Rate: 1.27x10-5 Pa-m3/8 Maximum.
Mechanical Shock
Random drop on rigid hard wood surface 3 times at
heights of 75cm.
High Temperature Storage
JIS C 7021 B-10: at 85°C for 1000 hours.
Low Temperature Storage
JIS C 7021 B-12: at -40°C for 1000 hours.
Moisture Resistance
JIS C 7021 B-11: at 85°C and 90% humidity for 1000
hours.
Solder Thermal Stabilit
Recommended Solder Reflow profile 1 time.
Thermal Shock
100 cycles over -40°C to +85°C for 30 minutes
Vibration
JIS C 6701 10.26: at 10Hz to 55Hz, 1.5mm amplitude
for 1 minute. Test time: X, Y, Z each direction for 2 hours.
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
Pin 1: Tri-State
Pin 2: Case Ground
Pin 3: Output
Pin 4: Supply Voltage
PACKAGING OPTIONS
Blank=Bulk, TR=Tape and Reel (Standard)
FREQUENCY
OUTPUT CONTROL FUNCTION
H=Tri-State
DUTY CYCLE
2=50 ±5(%)
M
N
O
P
Q
1.5 MIN
50 MIN
20.2 MIN 13.0±0.5
40 MIN
R
S
T
U
V
QTY/REEL
2.5 MIN
10 MIN
14.4 MAX
180 MAX
8.4+1.5-0
1,000
REEL
A
B
C
D
E
F
8.0±0.2
3.5±0.1
2.75±0.1
4.0±0.1
2.0±0.1
F
G
H
J
K
L
4.0±0.1
2.7±.1
1.55 +0.5
3.4±.1 0.25 ±0.05
1.4±.1
TAPE
Line 1: E XX.X
Frequency in MHz (3 Digits Maximum + Decimal)
Line 2: XX Y ZZ
Week of Year
Last Digit of Year
Ecliptek Manufacturing Identifier
OBSOLETE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com