Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB14E2 Datasheet(PDF) 2 Page - Ecliptek Corporation

Part # EB14E2
Description  OSCILLATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

EB14E2 Datasheet(HTML) 2 Page - Ecliptek Corporation

  EB14E2 Datasheet HTML 1Page - Ecliptek Corporation EB14E2 Datasheet HTML 2Page - Ecliptek Corporation EB14E2 Datasheet HTML 3Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
EB14E2 Series
• RoHS Compliant (Pb-Free)
• Ceramic SMD package
• 3.0V Supply Voltage
• LVHCMOS output
• Stability to ±25ppm
• Standby Function
• Available on Tape and Reel
ECLIPTEK CORP.
OSCILLATOR
EB14E2
CERAMIC
3.0V
OS5B
02/06
OSCILLATOR
EB14E2
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
NOTES
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
H 0.9
L 3.2
W 2.5
ELECTRICAL SPECIFICATIONS
Frequency Range (F
O)
Operating Temperature Range (OTR)
Storage Temperature Range (STR)
Supply Voltage (V
DD)
Input Current (I
DD)
Frequency Tolerance/Stability
Output Voltage Logic High (V
OH)
Output Voltage Logic Low (V
OL)
Rise Time / Fall Time (T
R/TF)
Duty Cycle (SYM)
Load Drive Capability (C
LOAD)
Tri-State Input Voltage
Standby Current
Start Up Time (T
S)
RMS Phase Jitter
1.8432MHz to 20.000MHz
20.001MHz to 40.000MHz
40.001MHz to 60.000MHz
60.001MHz to 75.000MHz
Inclusive of all conditions: Calibration Tolerance at 25°C,
Frequency Stability over the Operating Temperature Range,
Supply Voltage Change, Output Load Change, First Year
Aging at 25°C, Shock, and Vibration
20% to 80% of Waveform
at 50% of Waveform
No Connection
V
IH: >80% of VDD
V
IL: <20% of VDD
Disabled Output: High Impedance
F
J = 12kHz to 20MHz
-20°C to 70°C
-40°C to 85°C
-55°C to 125°C
3.0V
DC ±5%
6mA Maximum
11mA Maximum
16mA Maximum
20mA Maximum
±100ppm, ±50ppm, or ±25ppm
Maximum
90% of V
DD Minimum
(I
OH = -4mA)
10% of V
DD Maximum (IOL = +4mA)
10 nSeconds Maximum
50 ±5(%)
15pF HCMOS Load Maximum
Enables Output
Enables Output
Disables Output: High Impedance
10µA Maximum
10 mSeconds Maximum
1 pSeconds Maximum
1.8432MHz, 3.5795MHz, 3.6864MHz, 4.000MHz, 6.000MHz, 7.3728MHz, 8.000MHz, 8.2944MHz,
11.2896MHz, 12.000MHz, 12.288MHz, 12.800MHz , 16.000MHz, 16.9344MHz, 20.000MHz,
22.000MHz, 22.1184MHz, 24.000MHz, 24.576MHz, 25.000MHz, 26.000MHz, 27.000MHz,
28.375MHz, 28.636MHz, 29.4912MHz, 30.000MHz, 32.000MHz, 33.000MHz, 33.333MHz,
40.000MHz, 41.010MHz, 44.000MHz, 48.000MHz, 50.000MHz, 54.000MHz, 64.000MHz, 66.000MHz,
66.6666MHz, 72.000MHz, and 75.000MHz
OBSOLETE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com