Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB254W Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # MB254W
Description  25A Single-Phase Bridge Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MB254W Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  MB254W Datasheet HTML 1Page - TAITRON Components Incorporated MB254W Datasheet HTML 2Page - TAITRON Components Incorporated MB254W Datasheet HTML 3Page - TAITRON Components Incorporated MB254W Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
25A Single-Phase Bridge Rectifier
Rev. A/DX 2007-06-09
MB2505W – MB2510W
www.taitroncomponents.com
Page 2 of 4
Fig.1- Forward Current Derating Curve
TA, Ambient Temperature (°C)
Fig.2-Max. Non-repetitive Peak
Forward Surge Current Per Leg
Number of Cycle at 60Hz
Symbol
Description
MB25
05W
MB25
1W
MB25
2W
MB25
4W
MB25
6W
MB25
8W
MB25
10W
Unit
Conditions
VFM
Forward Voltage per leg
1.1
V
IO=12.5A
10
µA
TC = 25°C
IRM
Max. Reverse DC
Current At Rated DC
Blocking Voltage per leg
1000
µA
TC = 125°C
I²t
Rating for Fusing
(t<8.3ms)
373
A²s
CJ
Typical junction
capacitance per leg
300
pF
f=1MHz
,
VR= 4V
RthJC
Typical Thermal
Resistance per leg
2.6
°C / W Note
VISO
RMS Isolation Voltage
from Case to Leads
2500
V
TJ,TSTG
Operating Junction and
Storage Temperature
Range
-65 to +150
° C
Note: Thermal Resistance junction to case, mounted on heatsink.
Typical Characteristics Curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com