Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB254W Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # MB254W
Description  25A Single-Phase Bridge Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MB254W Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  MB254W Datasheet HTML 1Page - TAITRON Components Incorporated MB254W Datasheet HTML 2Page - TAITRON Components Incorporated MB254W Datasheet HTML 3Page - TAITRON Components Incorporated MB254W Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/DX 2007-06-09
MB2505W – MB2510W
25A Single-Phase
Bridge Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
25A Single-Phase Bridge Rectifier
Features
• Low Reverse Leakage Current
• Low Power Loss, High Efficiency
• Electrically Isolated Metal Case for
Max. Heat Dissipation
• Case to Terminal Isolation Voltage 2500V
• This series is UL recognized under component index,
File number E194718
• RoHS Compliant
Mechanical Data
Case:
KBPC-W (MB35W) Metal case with wire leads
Terminals:
Plated wire leads
Polarity:
As marked on case
Mounting:
Through hole with #10 screw
Mounting Torque:
23 cm-kg (20 in-lbs) Max.
Weight:
28 grams
Maximum Ratings And Electrical Characteristics (T
amb=25˚C)
Symbol
Description
MB25
05W
MB25
1W
MB25
2W
MB25
4W
MB25
6W
MB25
8W
MB25
10W
Unit
Conditions
VRRM
Max. Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Max. RMS Voltage
35
70
140
280
420
560
700
V
VDC
Max. DC blocking voltage
50
100
200
400
600
800
1000
V
IO
Average Rectified
Output Current
25
A
TA=60
˚C
IFSM
Non-Repetitive Peak
Forward Surge Current
300
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
method)
MB35W
(Metal Case)


Similar Part No. - MB254W

ManufacturerPart #DatasheetDescription
logo
Bytes
MB254W BYTES-MB254W Datasheet
150Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Dc Components
MB254W DCCOM-MB254W Datasheet
426Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
MB254W FORMOSA-MB254W Datasheet
34Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
MB254W UNIOHM-MB254W Datasheet
65Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
MIC GROUP RECTIFIERS
MB254W MIC-MB254W Datasheet
98Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - MB254W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBF250 SANYO-DBF250 Datasheet
21Kb / 3P
25A Single-Phase Bridge Rectifier
logo
List of Unclassifed Man...
KBJ2510 ETC-KBJ2510 Datasheet
50Kb / 2P
25A SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Won-Top Electronics
KBJ25A WTE-KBJ25A_06 Datasheet
76Kb / 4P
25A SINGLE-PHASE BRIDGE RECTIFIER
KBPC25 WTE-KBPC25 Datasheet
54Kb / 4P
25A SINGLE-PHASE BRIDGE RECTIFIER
KBPC25P WTE-KBPC25P Datasheet
55Kb / 4P
25A SINGLE-PHASE BRIDGE RECTIFIER
KBPC25S WTE-KBPC25S Datasheet
66Kb / 4P
25A SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
MB2505 TAITRON-MB2505 Datasheet
143Kb / 4P
25A Single-Phase Bridge Rectifier
logo
Sanyo Semicon Device
DBF250 SANYO-DBF250_10 Datasheet
47Kb / 3P
25A Single-Phase Bridge Rectifier
logo
Nell Semiconductor Co.,...
KBJ25 NELLSEMI-KBJ25 Datasheet
1Mb / 3P
Single-Phase Bridge Rectifier, 25A
KBPC25 NELLSEMI-KBPC25 Datasheet
1Mb / 3P
Single-Phase Bridge Rectifier, 25A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com