Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7291L Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST7291L
Description  8-BIT MCU WITH 8/12/16/24/32K ROM, TIMER, SUPPLY SUPERVISOR AND CARRIER FREQUENCY GENERATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7291L Datasheet(HTML) 3 Page - STMicroelectronics

  ST7291L Datasheet HTML 1Page - STMicroelectronics ST7291L Datasheet HTML 2Page - STMicroelectronics ST7291L Datasheet HTML 3Page - STMicroelectronics ST7291L Datasheet HTML 4Page - STMicroelectronics ST7291L Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
December 1997
3/5
This is preliminary information ona new product in development orundergoing evaluation. Details are subject to change without notice.
R
ST72E91L
ST72T91L
8-BIT MCU WITH 32K EPROM/ OTP, TIMER, SUPPLY
SUPERVISOR AND CARRIER FREQUENCY GENERATOR
s
3 to 5.5V Supply Operating Range
s
8MHz Maximum Clock Frequency
s
Fully Static operation
s
0to +70
°C Operating Temperature Range
(OTP)
s
Run, Wait, Stop and RAM Retention modes
s
User EPROM/ OTP: 32 Kbytes
s
Data RAM:
/384 Bytes
s
28 pin SO plastic packages for ST72T91 OTP
version
s
28 pin Ceramic SO package for ST72E91
EPROM version
s
21 Bidirectional I /O lines
s
8 Interrupt Wake-Up programmable input lines
s
16-bit Timer with Output Compare (no output
pin).
s
Interrupt Wake-up function
s
Low Voltage Detector (LVD)
s
IR Carrier Frequency Generator
s
8-bit Data Manipulation
s
63 Basic Instructions
s
17 main Addressing Modes
s
8x8 Unsigned Multiply instruction
s
True Bit Manipulation
s
Complete Development Support on PC/DOS/
Windows 3.1x/95/NT with Real-Time Emulator
s
Full
Software
Package
(Cross-Assembler,
Debugger)
s
Full Hardware Emulator
Figure 1. Pin Description
(See end of Datasheet for Ordering Information)
PSO28
CSO28W
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
VDD
RESET
WKP
PA7
PA6
PA1
PC0
PA5
PA4
PA3
OSCin
OSCout
PC1/OP
PC6
PC7
PB6
PB5
PB4
PB3
PB2
28
27
26
25
24
23
22
21
PA2
PA0
PB0
PB1
VSS
TEST/VPP
PC5
PB7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com