Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7291L Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7291L
Description  8-BIT MCU WITH 8/12/16/24/32K ROM, TIMER, SUPPLY SUPERVISOR AND CARRIER FREQUENCY GENERATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7291L Datasheet(HTML) 1 Page - STMicroelectronics

  ST7291L Datasheet HTML 1Page - STMicroelectronics ST7291L Datasheet HTML 2Page - STMicroelectronics ST7291L Datasheet HTML 3Page - STMicroelectronics ST7291L Datasheet HTML 4Page - STMicroelectronics ST7291L Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
December 1997
1/5
This is preliminary information ona new product in development orundergoing evaluation. Details are subject to change without notice.
R
ST7291L
8-BIT MCU WITH 8/12/16/24 /32K ROM, TIMER, SUPPLY
SUPERVISOR AND CARRIER FREQUENCY GENERATOR
BRIEF DATA
s
2 to 5.5V Supply Operating Range
s
8MHz Maximum Clock Frequency
s
Fully Static Operation
s
0to +70
°C Operating Temperature Range
s
Run, Wait, Stop and RAM Retention modes
s
User ROM: 12/16/24/ 32 Kbytes
s
Data RAM:
256/384 bytes
s
28 pin SO Plastic Packages
s
21 Bidirectional I/O lines
s
8 standard Push-pull I/Os with wake-up feature
13 standard Push-pull I/Os
s
16-bit Timer with Output Compare (no output
pin)
s
Low Voltage Detector (LVD)
s
Interrupt Wake-up function
s
IR Carrier Frequency Generator
s
8-bit Data Manipulation
s
63 Basic Instructions
s
17 main Addressing Modes
s
8x8 Unsigned Multiply instruction
s
True Bit Manipulation
s
Complete Development Support on PC/DOS/
Windows 3.1x/95/NT with Real-Time Emulator
s
Full
Software
Package
(Cross -Assembler,
Debugger)
s
Full Hardware Emulator
s
EPROM and OTP support
DEVICE SUMMARY
Note 1. This device is in development, consult your
SGS-TH OMSON representative for the current status.
Figure 1. Pin Description
Notes:
1. PC1 on ST7291L2/L3/L4; software selectable as OP on
ST7291L6/L5/L5A
DEVICE
ROM
(Bytes)
RAM
(Bytes)
CARRIER
GENERATOR
ST7291L6(1)
32K
384
Yes
ST7291L5
24K
384
Yes
ST7291L5A
16K
384
Yes
ST7291L4
16K
256
No
ST7291L3
12K
256
No
ST7291L2
8K
256
No
PSO28
(See end of Datasheet for Ordering Information)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
VDD
RESET
WKP
PA7
PA6
PA1
PC0
PA5
PA4
PA3
OSCin
OSCout
PC1/OP (1)
PC6
PC7
PB6
PB5
PB4
PB3
PB2
28
27
26
25
24
23
22
21
PA2
PA0
PB0
PB1
VSS
TEST
PC5
PB7
1


Similar Part No. - ST7291L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7293 STMICROELECTRONICS-ST7293 Datasheet
540Kb / 69P
8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
Sep-1995
ST7293C3B1 STMICROELECTRONICS-ST7293C3B1 Datasheet
540Kb / 69P
8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
Sep-1995
ST7293C3B6 STMICROELECTRONICS-ST7293C3B6 Datasheet
540Kb / 69P
8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
Sep-1995
ST7293C3M1 STMICROELECTRONICS-ST7293C3M1 Datasheet
540Kb / 69P
8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
Sep-1995
ST7293C3M6 STMICROELECTRONICS-ST7293C3M6 Datasheet
540Kb / 69P
8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
Sep-1995
More results

Similar Description - ST7291L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10C167 STMICROELECTRONICS-ST10C167 Datasheet
433Kb / 65P
16-BIT MCU WITH 32K BYTE ROM
Aug-1999
ST72411R STMICROELECTRONICS-ST72411R Datasheet
449Kb / 71P
8-BIT MCU WITH SMARTCARD INTERFACE, LCD DRIVER, 8-BIT TIMER, SAFE RESET AND SUPPLY MONITORING
Rev. 1.4
ST7261 STMICROELECTRONICS-ST7261 Datasheet
1Mb / 80P
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, ROM MEMORY, LVD, WDG, TIMER
Jun-2003
logo
Hynix Semiconductor
GMS99C58 HYNIX-GMS99C58 Datasheet
628Kb / 34P
32K FLASH EMBEDDED 8-Bit MCU
logo
STMicroelectronics
ST72F324LJ2T STMICROELECTRONICS-ST72F324LJ2T Datasheet
1Mb / 151P
3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
01-Feb-2004
ST72324B STMICROELECTRONICS-ST72324B Datasheet
1Mb / 167P
5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
06-Feb-2006
ST7263BDX STMICROELECTRONICS-ST7263BDX Datasheet
2Mb / 145P
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
Aug-2007
logo
Fortune Semiconductor C...
FS91M68 FORTUNE-FS91M68 Datasheet
869Kb / 24P
8-bit MCU with 1k program ROM
FS9912 FORTUNE-FS9912 Datasheet
859Kb / 34P
8-bit MCU with 4k program ROM
logo
STMicroelectronics
ST7294 STMICROELECTRONICS-ST7294 Datasheet
540Kb / 69P
8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
Sep-1995
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com