Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72411R Datasheet (PDF) - STMicroelectronics

ST72411R Datasheet PDF - STMicroelectronics
Part # ST72411R
Download  ST72411R Download
File Size   449.82 Kbytes
Page   71 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT MCU WITH SMARTCARD INTERFACE, LCD DRIVER, 8-BIT TIMER, SAFE RESET AND SUPPLY MONITORING

ST72411R Datasheet (PDF)

Go To PDF Page Download Datasheet
ST72411R Datasheet PDF - STMicroelectronics

Part # ST72411R
Download  ST72411R Click to download

File Size   449.82 Kbytes
Page   71 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT MCU WITH SMARTCARD INTERFACE, LCD DRIVER, 8-BIT TIMER, SAFE RESET AND SUPPLY MONITORING

ST72411R Datasheet (HTML) - STMicroelectronics


ST72411R Product details

INTRODUCTION
The ST72411R devices are members of the ST7 microcontroller family. They are designed for Smartcard reader applications.
All ST72411R family devices are based on a common industry-standard 8-bit core, featuring an enhanced instruction set.

■ Memories
    – 4K Program memory (ROM/FLASH) with read-out protection
    – In-Situ Programming (remote ISP) for FLASH devices using Smartcard or standard I/O lines
    – 256-bytes RAM
■ Clock, Reset and Supply Management
    – Power-on supply at Smartcard insertion
    – Low supply voltage detection for battery monitoring
    – Smart Card withdrawal detection
    – On-chip main clock source
    – 3 Power saving modes
    – Clock-out capability for synchronous and asynchronous Smartcards
■ Smartcard Interface
    – Smart Card Supply Supervisor with: 3V or 5V voltage regulator and current overload protection
■ 15 I/O Ports
    – 15 multifunctional bidirectional I/O lines with: external interrupt capability (2 vectors), 2 alternate function lines, 5 I/Os for ISO7816-3 Smartcard interface, 1 I/O for Smartcard withdrawal detection
■ Display Driver
    – LCD driver with 32 segment outputs and 4 backplane outputs able to drive up to 32x4 LCD displays
■ Timer
    – One 8-bit timer with: 9-bit prescaler, selectable input frequency with external clock input option and event output signal generation capability
■ Instruction Set
    – 8-bit Data Manipulation
    – 63 Basic Instructions
    – 17 main Addressing Modes
    – 8 x 8 Unsigned Multiply Instruction
    – True Bit Manipulation
■ Development Tools
    – Full hardware/software development package




Similar Part No. - ST72411R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72411R STMICROELECTRONICS-ST72411R Datasheet
111Kb / 4P
REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY
More results


Similar Description - ST72411R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49R50A-1 HOLTEK-HT49R50A-1 Datasheet
345Kb / 45P
LCD Type 8-Bit MCU
April 24, 2006
HT49R70A-1 HOLTEK-HT49R70A-1 Datasheet
326Kb / 42P
LCD Type 8-Bit MCU
April 24, 2006
HT49R10A-1 HOLTEK-HT49R10A-1 Datasheet
259Kb / 38P
LCD Type 8-Bit MCU
July 27, 2007
HT49R10A-1 HOLTEK-HT49R10A-1_09 Datasheet
239Kb / 37P
LCD Type 8-Bit MCU
June 9, 2009
HT49R50A-1 HOLTEK-HT49R50A-1_09 Datasheet
286Kb / 44P
LCD Type 8-Bit MCU
December 16, 2009
HT49R70A-1 HOLTEK-HT49R70A-1_09 Datasheet
280Kb / 44P
LCD Type 8-Bit MCU
December 16, 2009
logo
STMicroelectronics
ST6255C STMICROELECTRONICS-ST6255C Datasheet
1Mb / 84P
8-bit MCUs with ADC, safe reset, auto-reload timer, EEPROM and SPI
31-Mar-2009
logo
Holtek Semiconductor In...
HT49R10A-1 HOLTEK-HT49R10A-1_12 Datasheet
258Kb / 38P
LCD Type 8-Bit MCU
HT49R30A-1 HOLTEK-HT49R30A-1_12 Datasheet
270Kb / 41P
LCD Type 8-Bit MCU
HT49RU80 HOLTEK-HT49RU80_12 Datasheet
376Kb / 54P
LCD Type 8-Bit MCU
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com