Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72411R Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST72411R
Description  8-BIT MCU WITH SMARTCARD INTERFACE, LCD DRIVER, 8-BIT TIMER, SAFE RESET AND SUPPLY MONITORING
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72411R Datasheet(HTML) 1 Page - STMicroelectronics

  ST72411R Datasheet HTML 1Page - STMicroelectronics ST72411R Datasheet HTML 2Page - STMicroelectronics ST72411R Datasheet HTML 3Page - STMicroelectronics ST72411R Datasheet HTML 4Page - STMicroelectronics ST72411R Datasheet HTML 5Page - STMicroelectronics ST72411R Datasheet HTML 6Page - STMicroelectronics ST72411R Datasheet HTML 7Page - STMicroelectronics ST72411R Datasheet HTML 8Page - STMicroelectronics ST72411R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
Rev. 1.4
January 2000
1/71
ST72411R
8-BIT MCU WITH SMARTCARD INTERFACE, LCD DRIVER,
8-BIT TIMER, SAFE RESET AND SUPPLY MONITORING
PRODUCT PREVIEW
s
Memories
– 4K Program memory
(ROM/FLASH) with read-out protection
– In-Situ Programming (remote ISP) for FLASH
devices using Smartcard or standard I/O lines
– 256-bytes RAM
s
Clock, Reset and Supply Management
– Power-on supply at Smartcard insertion
– Low supply voltage detection for battery
monitoring
– Smart Card withdrawal detection
– On-chip main clock source
– 3 Power saving modes
– Clock-out capability for synchronous and
asynchronous Smartcards
s
Smartcard Interface
– Smart Card Supply Supervisor with: 3V or 5V
voltage regulator and current overload protec-
tion
s
15 I/O Ports
– 15 multifunctional bidirectional I/O lines with:
external interrupt capability (2 vectors), 2 al-
ternate function lines, 5 I/Os for ISO7816-3
Smartcard interface, 1 I/O for Smartcard with-
drawal detection
s
Display Driver
– LCD driver with 32 segment outputs and 4
backplane outputs able to drive up to 32x4
LCD displays
s
Timer
– One 8-bit timer with: 9-bit prescaler, selecta-
ble input frequency with external clock input
option and event output signal generation ca-
pability
s
Instruction Set
– 8-bit Data Manipulation
– 63 Basic Instructions
– 17 main Addressing Modes
– 8 x 8 Unsigned Multiply Instruction
– True Bit Manipulation
s
Development Tools
– Full hardware/software development package
Device Summary
TQFP64
14 x 14
Features
ST72411R
Program memory - bytes
4K
RAM (stack) - bytes
256 (64)
Peripherals
Smart Card supply interface, LCD Driver, 8-bit Timer
Operating Supply
4V to 6.6V (5.5V min. for 5V Smartcard power supply output)
CPU Frequency
3.58 MHz (7.16 MHz internal oscillator)
Temperature Range
0
°C to +70°C
Packages
TQFP64 or Die Form
Development device
ST72C411R
1


Similar Part No. - ST72411R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72411R STMICROELECTRONICS-ST72411R Datasheet
111Kb / 4P
REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY
More results

Similar Description - ST72411R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49R50A-1 HOLTEK-HT49R50A-1 Datasheet
345Kb / 45P
LCD Type 8-Bit MCU
April 24, 2006
HT49R70A-1 HOLTEK-HT49R70A-1 Datasheet
326Kb / 42P
LCD Type 8-Bit MCU
April 24, 2006
HT49R10A-1 HOLTEK-HT49R10A-1 Datasheet
259Kb / 38P
LCD Type 8-Bit MCU
July 27, 2007
HT49R10A-1 HOLTEK-HT49R10A-1_09 Datasheet
239Kb / 37P
LCD Type 8-Bit MCU
June 9, 2009
HT49R50A-1 HOLTEK-HT49R50A-1_09 Datasheet
286Kb / 44P
LCD Type 8-Bit MCU
December 16, 2009
HT49R70A-1 HOLTEK-HT49R70A-1_09 Datasheet
280Kb / 44P
LCD Type 8-Bit MCU
December 16, 2009
logo
STMicroelectronics
ST6255C STMICROELECTRONICS-ST6255C Datasheet
1Mb / 84P
8-bit MCUs with ADC, safe reset, auto-reload timer, EEPROM and SPI
31-Mar-2009
logo
Holtek Semiconductor In...
HT49R10A-1 HOLTEK-HT49R10A-1_12 Datasheet
258Kb / 38P
LCD Type 8-Bit MCU
HT49R30A-1 HOLTEK-HT49R30A-1_12 Datasheet
270Kb / 41P
LCD Type 8-Bit MCU
HT49RU80 HOLTEK-HT49RU80_12 Datasheet
376Kb / 54P
LCD Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com