Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72411R Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST72411R
Description  8-BIT MCU WITH SMARTCARD INTERFACE, LCD DRIVER, 8-BIT TIMER, SAFE RESET AND SUPPLY MONITORING
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72411R Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST72411R Datasheet HTML 42Page - STMicroelectronics ST72411R Datasheet HTML 43Page - STMicroelectronics ST72411R Datasheet HTML 44Page - STMicroelectronics ST72411R Datasheet HTML 45Page - STMicroelectronics ST72411R Datasheet HTML 46Page - STMicroelectronics ST72411R Datasheet HTML 47Page - STMicroelectronics ST72411R Datasheet HTML 48Page - STMicroelectronics ST72411R Datasheet HTML 49Page - STMicroelectronics ST72411R Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 71 page
background image
ST72411R
46/71
5.5 SMARTCARD SUPPLY SUPERVISOR (SSS)
5.5.1 Introduction
The Smartcard Supply Supervisor (SSS) allows
the VSC_PWR Smartcard supply to be switched on
and off by software and protects the smartcard
from overload.
In addition, the SSS supplies power to the I/O lines
used to interface the smartcard. This means that
no external components are needed for adapting
the interface to the levels required for interfacing
the smartcard, except a capacitor on the SC_PWR
output.
5.5.2 Main Features
s
Software power-on/off control
s
Hardware cut-off in case of output current
overload
s
Grounded output level when turned-off
s
Low consumption mode
5.5.3 General description
The SSS generates the Smartcard SC_PWR sup-
ply from the MCU VDD supply. When disabled, the
regulator ties the output SC_PWR line to ground,
and is placed in low power mode. At the same
time, the interface I/O lines are also tied to ground.
In case of current overload on the output
SC_PWR, the output level drops due to internal
impedance of the regulator. The associated Cur-
rent Overload detector switches-off the SC_PWR
supply and sets a flag into the Status/Control Reg-
ister.
Figure 50 shows the Smartcard Supply Supervisor
(SSS) block diagram.
Figure 36. Smartcard Supply Supervisor (SSS) Block Diagram
Reference voltage
MCU VDD
SC_PWR
+
-
SC I/Os
I/O
VDD
SSSCR
+
-
VDD
Reference Voltage
CURRENT OVERLOAD
VOLTAGE REGULATOR
OVLD SSSR
OVLD
0 CKOD
CK_AF
SSS
OVLD
F
OEN
IE
EN
EN
3V
5V
1
0
fOSC/2
fOSC/4
0
1
SC_CK
OVLD INTERRUP T
Logic
Control
Logic
Control
DETECTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com