Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72411R Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST72411R
Description  8-BIT MCU WITH SMARTCARD INTERFACE, LCD DRIVER, 8-BIT TIMER, SAFE RESET AND SUPPLY MONITORING
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72411R Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST72411R Datasheet HTML 25Page - STMicroelectronics ST72411R Datasheet HTML 26Page - STMicroelectronics ST72411R Datasheet HTML 27Page - STMicroelectronics ST72411R Datasheet HTML 28Page - STMicroelectronics ST72411R Datasheet HTML 29Page - STMicroelectronics ST72411R Datasheet HTML 30Page - STMicroelectronics ST72411R Datasheet HTML 31Page - STMicroelectronics ST72411R Datasheet HTML 32Page - STMicroelectronics ST72411R Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 71 page
background image
ST72411R
29/71
I/O PORTS (Cont’d)
5.1.3 I/O Port Implementation
The I/O port register configurations are summa-
rised as follows.
Standard Ports
PA0:7, PB5 (supplied by VDD)
PB6 (supplied by VDD)
PB0, 2, 3, 4 (supplied by VSC_PWR)
PB1 (Smartcard Data supplied by VSC_PWR)
Switching these I/O ports from one state to anoth-
er should be done in a sequence that prevents un-
wanted side effects. Recommended safe transi-
tions are illustrated in Figure 22 Other transitions
are potentially risky and should be avoided, since
they are likely to present unwanted side-effects
such as spurious interrupt generation.
Figure 22. Interrupt I/O Port State Transition
Table 7. Port Configuration
* Note: Smartcard I/Os supplied by VSC_PWR.
MODE
DDR
OR
floating input
0
0
pull-up input with interrupt
0
1
open drain output
1
0
push-pull output
1
1
MODE
DDR
OR
floating input
0
0
pull-down input with interrupt
0
1
open drain output
1
0
push-pull output
1
1
MODE
DDR
OR
floating input
0
0
pull-up input with interrupt
0
1
open drain output
1
0
push-pull output
1
1
MODE
DDR
OR
pull-up input
0
0
pull-up input with interrupt
0
1
open drain output with pull-up
1
0
push-pull output with pull-up
1
1
01
pull-up
interrupt
INPUT
00
floating
(reset state)
INPUT
10
open-drain
OUTPUT
11
push-pull
OUTPUT
XX
= DDR, OR
Port
Pin name
Input
Output
OR = 0
OR = 1
OR = 0
OR = 1
Port A
PA7:0
floating
pull-up interrupt
open drain
push-pull
Port B
PB6
floating
pull-down interrupt
open drain
push-pull
PB5
floating
pull-up interrupt
open drain
push-pull
PB4:2 (SC*)
floating
pull-up interrupt
open drain
push-pull
PB1 (SC*)
pull-up
pull-up interrupt
pull-up open drain
pull-up push-pull
PB0 (SC*)
floating
pull-up interrupt
open drain
push-pull



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com