Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72411R Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST72411R
Description  8-BIT MCU WITH SMARTCARD INTERFACE, LCD DRIVER, 8-BIT TIMER, SAFE RESET AND SUPPLY MONITORING
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72411R Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST72411R Datasheet HTML 17Page - STMicroelectronics ST72411R Datasheet HTML 18Page - STMicroelectronics ST72411R Datasheet HTML 19Page - STMicroelectronics ST72411R Datasheet HTML 20Page - STMicroelectronics ST72411R Datasheet HTML 21Page - STMicroelectronics ST72411R Datasheet HTML 22Page - STMicroelectronics ST72411R Datasheet HTML 23Page - STMicroelectronics ST72411R Datasheet HTML 24Page - STMicroelectronics ST72411R Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
ST72411R
21/71
3.3 MAIN CLOCK CONTROLLER SYSTEM (MCC)
The MCC block supplies the clock for the ST7
CPU and its internal peripherals. It allows to man-
age the SLOW power saving mode acting on the
SMS bit of the Miscellaneous register (MISCR)
and the Main clock-out capability acting on the
CKD and CKAFOEN bits of the Smartcard Supply
Supervisor Control Register (SSSCR).
The main clock of the ST7 can be generated by
two different sources (see Figure 17):
s
an external source
s
an internal RC oscillator
The device is normally operated using an integrat-
ed 7.16MHz oscillator, meaning 3.58MHz operat-
ing frequency. However, an external clock can be
applied, up to 8MHz (4MHz operating frequency).
The
clock
source
is
selected
through
the
OSC_SEL pin status.
([ W
HUQDO&O
RFN6 RXUFH
The OSC_SEL pin status selects the External
Clock capability when it is tied to VDD. In this
mode, a clock signal with ~50% duty cycle has to
drive the OSCIN pin (see Figure 15).
,QW
HUQDO5& 2VFLOODW
RU6RXUFH
The OSC_SEL pin status selects the Internal RC
clock source capability when it is tied to VSS (see
Figure 16).
Note that OSC_SEL pin contains a pull-down
which allows to leave OSC_SEL in high imped-
ance in the application when the internal oscillator
is selected. This is mandatory for using the Re-
mote In Situ Programming feature.
Figure 15. External Clock
Figure 16. Internal RC Oscillator
Figure 17. Main Clock Controller (MCC) Block Diagram
OSCIN
OSC_SEL
EXTERNAL
ST7
SOURCE
VDD
OSCIN
OSC_SEL
ST7
highZ
(internal pulldown is present)
DIV 2
SMS
--
MISCR
fOSC
fCPU
OSCIN
--
-
-
-
INTERNA L
RC OSCILLATOR
7.16 MHz
OSC_SEL
DIV 16
SMARTCARD
interface
LCD and TIMER
-
--
SSSR
CK_A
-
-
CKD
-
FOEN
DIV 2
I/O ALTERNATE
FUNCTION
SC_CK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com