Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72411R Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST72411R
Description  8-BIT MCU WITH SMARTCARD INTERFACE, LCD DRIVER, 8-BIT TIMER, SAFE RESET AND SUPPLY MONITORING
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72411R Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST72411R Datasheet HTML 39Page - STMicroelectronics ST72411R Datasheet HTML 40Page - STMicroelectronics ST72411R Datasheet HTML 41Page - STMicroelectronics ST72411R Datasheet HTML 42Page - STMicroelectronics ST72411R Datasheet HTML 43Page - STMicroelectronics ST72411R Datasheet HTML 44Page - STMicroelectronics ST72411R Datasheet HTML 45Page - STMicroelectronics ST72411R Datasheet HTML 46Page - STMicroelectronics ST72411R Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 71 page
background image
ST72411R
43/71
LCD DRIVER (Cont’d)
5.4.5 Clock generation
Figure 35. LCD Clock Generation Diagram
The frequency divider (FS[2:0]) should be chosen
according to the input frequency and the required
frame frequency,
A compromise should be found between a suffi-
cient frame frequency display on the LCD for cor-
rect visualisation and a low frame frequency for
low consumption.
Below are the approximate LCD and frame fre-
quencies resulting from the input frequencies se-
lected using the FS[2:0] bits.
Note: The LCD frequency (fLCD) must not exceed
2kHz.
fOSC/2
3.58MHz
FS2
FS1
FS0
Ratio
fLCD
fframe
1
1
1
16384
213.5Hz
53Hz
1
1
0
8192
427Hz
109Hz
1
0
1
4096
874Hz
218.5Hz
1
0
0
2048
1.748kHz
437Hz
fOSC/2
4MHz
FS2
FS1
FS0
Ratio
fLCD
fframe
1
1
1
16384
244Hz
61Hz
1
1
0
8192
488Hz
122Hz
1
0
1
4096
977Hz
244Hz
1
0
0
2048
1.953kHz
488Hz
fOSC/2
----
FS2
FS1
FS0 LCDE
LCDCR
RATIO
DIVIDER
FS2 FS1 FS0
fLCD
fOSC/2
2MHz
FS2
FS1
FS0
Ratio
fLCD
fframe
1
1
0
8192
244Hz
61Hz
1
0
1
4096
488Hz
122Hz
1
0
0
2048
977Hz
244Hz
0
1
1
1024
1.953kHz
488Hz
fOSC/2
1MHz
FS2
FS1
FS0
Ratio
fLCD
fframe
1
0
1
4096
244Hz
61Hz
1
0
0
2048
488Hz
122Hz
0
1
1
1024
977Hz
244Hz
0
1
0
512
1.953kHz
488Hz
fOSC/2
500kHz
FS2
FS1
FS0
Ratio
fLCD
fframe
1
0
0
2048
244Hz
61Hz
0
1
1
1024
488Hz
122Hz
0
1
0
512
977Hz
244Hz
0
0
1
256
1.953kHz
488Hz
fOSC/2
225kHz
FS2
FS1
FS0
Ratio
fLCD
fframe
0
1
1
1024
244Hz
61Hz
0
1
0
512
488Hz
122Hz
0
0
1
256
977Hz
244Hz
0
0
0
128
1.953kHz
488Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com