Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72411R Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST72411R
Description  8-BIT MCU WITH SMARTCARD INTERFACE, LCD DRIVER, 8-BIT TIMER, SAFE RESET AND SUPPLY MONITORING
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72411R Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST72411R Datasheet HTML 55Page - STMicroelectronics ST72411R Datasheet HTML 56Page - STMicroelectronics ST72411R Datasheet HTML 57Page - STMicroelectronics ST72411R Datasheet HTML 58Page - STMicroelectronics ST72411R Datasheet HTML 59Page - STMicroelectronics ST72411R Datasheet HTML 60Page - STMicroelectronics ST72411R Datasheet HTML 61Page - STMicroelectronics ST72411R Datasheet HTML 62Page - STMicroelectronics ST72411R Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 71 page
background image
ST72411R
59/71
RECOMMENDED OPERATING CONDITIONS (Cont’d)
(TA=0 to +70
oC, V
DD-VSS=6V unless otherwise specified)
Notes:
1. CPU running with memory access, all I/O pins in input mode with a static value at VDD or VSS; clock input (OSC1)
driven by external square wave, LVD enabled.
2. All I/O pins in input mode with a static value at VDD or VSS; clock input (OSC1) driven by external square wave, LVD
enabled.
3. WAIT Mode with SLOW Mode selected, LVD enabled. Based on characterisation results, not tested.
4. All I/O pins in input mode with a static value at VDD or VSS, I/O PORT CHARACTERISTICS
T = 0... +70
oC, voltages are referred to V
SS unless otherwise specified:
* Note: Hysteresis voltage between Schmitt trigger switching levels. Based on characterisation results, not tested.
Symbol
Parameter
Conditio ns
Min
Typ.
Max
Unit
IDD
Supply current in RUN mode 1)
fOSC =8 MHz
36
mA
Supply current in SLOW mode 1)
0.4
mA
Supply current in WAIT mode 2)
0.6
mA
Supply current in SLOW WAIT mode 3)
0.3
mA
Supply current in HALT mode, LVD en-
abled.4)
ILOAD = 0mA
300
µA
Supply current in HALT mode LVD dis-
abled.4)
0
µA
I/O PORT PINS
Symbol
Parameter
Condi tions
Min
Typ
Max
Unit
VIL
Input low level voltage
0.3xV
DD
V
VIH
Input high level voltage
0.7xVDD
VHYS
Schmidt trigger voltage hysteresis *
400
mV
VOL
Output low level voltage
for Standard I/O port pins
I=-5mA
1.3
V
I=-2mA
0.4
VOH
Output high level voltage
I=5mA
VDD-1.3
I=2mA
VDD-0.4
IL
Input leakage current
VSS<VPIN<VDD
1
µA
ISV
Static current consumption
Floating input mode
200
RPU
Pull-up equivalent resistor
VIN >VIH
VIN <VIL
20
60
40
120
80
240
K
Ω
RPD
Pull-down equivalent resistor (PB6)
VIN >VIH
VIN <VIL
20
60
40
120
80
240
K
Ω
tOHL
Output high to low level fall time
for Standard I/O port pins
Cl=50pF
14.8
25
45.6
ns
Output high to low level fall time
for high sink I/O port pins
TBD
TBD
TBD
tOLH
Output L-H rise time
Cl=50pF
14.4
25
45.9
tITEXT
External interrupt pulse time
1
tCPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com