Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72411R Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST72411R
Description  8-BIT MCU WITH SMARTCARD INTERFACE, LCD DRIVER, 8-BIT TIMER, SAFE RESET AND SUPPLY MONITORING
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72411R Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST72411R Datasheet HTML 43Page - STMicroelectronics ST72411R Datasheet HTML 44Page - STMicroelectronics ST72411R Datasheet HTML 45Page - STMicroelectronics ST72411R Datasheet HTML 46Page - STMicroelectronics ST72411R Datasheet HTML 47Page - STMicroelectronics ST72411R Datasheet HTML 48Page - STMicroelectronics ST72411R Datasheet HTML 49Page - STMicroelectronics ST72411R Datasheet HTML 50Page - STMicroelectronics ST72411R Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 71 page
background image
ST72411R
47/71
SMARTCARD SUPPLY SUPERVISOR (Cont’d)
5.5.4 Functional Description
The core of the SSS is the internal reference volt-
age generator that is used for the output voltage
level regulation and for the Current Overload de-
tection.
Output regulation is achieved from the MCU VDD
with a follower transistor used as output stage, as-
sociated to a feedback regulation.
Software control through the Status/Control regis-
ter allows software to:
s
Turn-on / turn-off the SSS
s
Enable the overload detector
s
Enable interrupt in case of overload
Smartcard Power Supply
When disabled, the whole SSS is stopped in order
to achieve minimum consumption. The SC_PWR
line is tied to ground, and the I/O lines supplied by
SC_PWR, are also tied to ground.
When the SSS module is enabled, the SC_PWR
line provides a regulated voltage to the smartcard,
and the I/O lines have a logic “1” level identical to
the smartcard supply ensuring a safe interface.
Current Overload protection
When a current overload occurs on the SC_PWR
supply output, SC_PWR level drop is detected by
the Current Overload detector when enabled. As a
consequence, the SSS is turned-off with the
SC_PWR line tied to ground and the SSSEN bit is
cleared. On top of that, the OVLD flag is set into
the Status/Control Register and an interrupt re-
quest can be initiated.
Note: The Current Overload detector must be en-
abled by setting OVLDEN bit only after setting the
SSSEN bit.
Figure 37. Current Overload Detection
Switching SC_PWR from 3V to 5V output and
vice versa
The usual (and safe) procedure is to test the card
at 3V before selecting 5V output.
The application should avoid making a direct tran-
sition from 5V to 3V as a delay is required before
the 3V level is reached (the delay depends on the
external capacitor and card type).
For a controlled transition from 5V to 3V it is rec-
ommended to clear the SSSEN bit to tie the
SC_PWR to ground before enabling 3V output.
See Figure 52.
Figure 38. Recommended transitions when switching the voltage regulator (SSSR bit).
ISC_PWR
0mA
0V
SHORT CIRCUIT
VOVLD
OVLDF FLAG
VSC_PWR
0V
VSC_PWR
3V
5V
SSSR =0
SSSEN=1
SSSR=1
SSSEN=1
SSSR=1
SSSEN= 0
SSSR=0
SSSEN=1
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com