Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72411R Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST72411R
Description  8-BIT MCU WITH SMARTCARD INTERFACE, LCD DRIVER, 8-BIT TIMER, SAFE RESET AND SUPPLY MONITORING
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72411R Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST72411R Datasheet HTML 16Page - STMicroelectronics ST72411R Datasheet HTML 17Page - STMicroelectronics ST72411R Datasheet HTML 18Page - STMicroelectronics ST72411R Datasheet HTML 19Page - STMicroelectronics ST72411R Datasheet HTML 20Page - STMicroelectronics ST72411R Datasheet HTML 21Page - STMicroelectronics ST72411R Datasheet HTML 22Page - STMicroelectronics ST72411R Datasheet HTML 23Page - STMicroelectronics ST72411R Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 71 page
background image
ST72411R
20/71
RESET MANAGER (Cont’d)
,QW
HUQDO/RZ 9 RO
W
DJ H ’ HW
HFW
LRQ 5 ( 6 ( 7
Two different RESET sequences caused by the in-
ternal LVD circuitry can be distinguished:
- LVD Power-On RESET
- Voltage Drop RESET
In the second sequence, a “delay” phase is used
to keep the device in RESET state until VDD rises
up to VIT+ (see Figure 14).
Important: if OSC_SEL pin is HIGH (external
clock selected), the LVD Power-On and the Volt-
age Drop features are disabled during the first 260
clock cycles (fCPU) after reset. This means that an
external reset circuitry must be provided to reset
the microcontroller.
Figure 14. LVD RESET Sequences when the OSC_SEL pin is tied to GND
5( 6 ( 7
581
INTERNAL RESET
4096 CLOCK CYCLES
FETCH
VECTOR
32 : ( 5
RESET PIN
EXTERNAL RESET SOURCE
5( 6 ( 7
581
INTERNAL RESET
4096 CLOCK CYCLES
FETCH
VECTOR
58 1
RESET PIN
EXTERNAL RESET SOURCE
9 ’’
VDDnominal
DELAY
VIT+
VIT-
9 ’’
VDDnominal
VIT+
/
9
’
3
2
:
(
5
2
1
5
(
6
(
7
9
2
/
7
$
*
(
’
5
2
3
5
(
6
(
7
2))
7KH2 6 &B6 ( / SLQ LV W
LHG W
R 9 66
LQW
HUQDOFORFN VHO
HFW
HG / 9 ’ 6 DO
ZD\V DFW
LYDW
HG
7KH2 6 &B6( / SLQ LV W
LHG W
R * 1 ’
LQW
HUQDOFORFNVHO
HFW
HG / 9 ’ 6 DO
ZD\ V DFW
LYDW
HG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com