Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72411R Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST72411R
Description  8-BIT MCU WITH SMARTCARD INTERFACE, LCD DRIVER, 8-BIT TIMER, SAFE RESET AND SUPPLY MONITORING
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72411R Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST72411R Datasheet HTML 21Page - STMicroelectronics ST72411R Datasheet HTML 22Page - STMicroelectronics ST72411R Datasheet HTML 23Page - STMicroelectronics ST72411R Datasheet HTML 24Page - STMicroelectronics ST72411R Datasheet HTML 25Page - STMicroelectronics ST72411R Datasheet HTML 26Page - STMicroelectronics ST72411R Datasheet HTML 27Page - STMicroelectronics ST72411R Datasheet HTML 28Page - STMicroelectronics ST72411R Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 71 page
background image
ST72411R
25/71
4.4 POWER SAVING MODES
4.4.1 Introduction
There are three Power Saving modes. Slow Mode
is selected by setting the relevant bits in the Mis-
cellaneous register. Wait and Halt modes may be
entered using the WFI and HALT instructions.
Table 5. Power Saving Modes
1 Except with external timer clock.
2 If the LVD bit in the MISCR register is reset
Note: To reduce power consumption (in Run or
Wait modes), the smartcard supply supervisor
(SSS) and the LCD can be disabled by software.
4.4.2 Slow Mode
In Slow mode, the oscillator frequency can be di-
vided by a value defined in the Miscellaneous
Register. The CPU and peripherals are clocked at
this lower frequency except the LCD driver and the
8-bit Timer which have a fixed clock. Slow mode is
used to reduce power consumption, and enables
the user to adapt the clock frequency to the avail-
able supply voltage.
4.4.3 Wait Mode
Wait mode places the MCU in a low power con-
sumption mode by stopping the CPU. The periph-
erals remain active. During Wait mode, the I bit
(CC Register) is cleared, so as to enable all inter-
rupts. All other registers and memory remain un-
changed. The MCU will remain in Wait mode until
an Interrupt or Reset occurs, the Program Counter
then branches to the starting address of the Inter-
rupt or Reset Service Routine.
The MCU will remain in Wait mode until a Reset or
an Interrupt occurs, causing it to wake up.
Refer to Figure 19.
Figure 19. Wait Mode Flow Chart
Mode
fCPU
CPU
Periph erals
switched off.
Wake up
Slow
fOSC/32 ON None
-
Wait
fOSC/2
or
fOSC/32
OFF None
- External I/O
- Timer
- LVDS (PDF Flag).
- Reset
Halt
OFF
OFF
- SSS
- TIMER 1
- LVDS
2
- LCD
- External I/O
- Timer
- Reset
WFI INSTRUCTION
RESET
INTERRUPT
Y
N
N
Y
CPU CLOCK
OSCILLATOR
PERIPH. CLOCK
I-BIT
ON
ON
CLEARED
OFF
CPU CLOCK
OSCILLATOR
PERIPH. CLOCK
I-BIT
ON
ON
SET
ON
FETCH RESET VECTOR
OR SERVICE INTERRUPT
4096 CPU CLOCK
CYCLES DELAY
IF RESET
Note: Before servicing an interrupt, the CC register is
pushed on the stack. The I-Bit is set during the inter-
rupt routine and cleared when the CC register is
popped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com