Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72411R Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST72411R
Description  8-BIT MCU WITH SMARTCARD INTERFACE, LCD DRIVER, 8-BIT TIMER, SAFE RESET AND SUPPLY MONITORING
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72411R Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST72411R Datasheet HTML 56Page - STMicroelectronics ST72411R Datasheet HTML 57Page - STMicroelectronics ST72411R Datasheet HTML 58Page - STMicroelectronics ST72411R Datasheet HTML 59Page - STMicroelectronics ST72411R Datasheet HTML 60Page - STMicroelectronics ST72411R Datasheet HTML 61Page - STMicroelectronics ST72411R Datasheet HTML 62Page - STMicroelectronics ST72411R Datasheet HTML 63Page - STMicroelectronics ST72411R Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 71 page
background image
ST72411R
60/71
7.3 SUPPLY, RESET AND CLOCK CHARACTERISTICS
(T = 0 to +70oC, VDD -VSS = 6 V unless otherwise specified.
Note *: the Vhys hysteresis is constant.
7.4 TIMING CHARACTERISTICS
(Operating conditions T
A = 0 to +70°C unless otherwise specified)
*
∆t
INST is the number of tCPU to finish the current instruction execution.
LOW VOLTAG E DETECTOR AND SUPERVISOR (LVDS)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+
Reset release threshold
(VDD rising)
3.7
V
VIT-
Reset generation threshold
(VDD falling)
3.2
V
Vhys
Hysteresis VIT+ -VIT-
500*
mV
RESET SEQUENCE MANAGER (RSM)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RON
Reset weak pull-up resistance
VIN >VIH
VIN <VIL
20
60
40
120
80
240
k
Ω
tPULSE
External RESET pin Pulse time
20
µs
Symbol
Parameter
Conditi ons
Min
Typ
Max
Unit
tINST
Instruction time
2
12
tCPU
tIRT
Interrupt reaction time
tIRT = ∆tINST + 10*
10
22
tCPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com