Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72411R Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST72411R
Description  8-BIT MCU WITH SMARTCARD INTERFACE, LCD DRIVER, 8-BIT TIMER, SAFE RESET AND SUPPLY MONITORING
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72411R Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST72411R Datasheet HTML 58Page - STMicroelectronics ST72411R Datasheet HTML 59Page - STMicroelectronics ST72411R Datasheet HTML 60Page - STMicroelectronics ST72411R Datasheet HTML 61Page - STMicroelectronics ST72411R Datasheet HTML 62Page - STMicroelectronics ST72411R Datasheet HTML 63Page - STMicroelectronics ST72411R Datasheet HTML 64Page - STMicroelectronics ST72411R Datasheet HTML 65Page - STMicroelectronics ST72411R Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 71 page
background image
ST72411R
62/71
7.7 SMARTCARD SUPPLY SUPERVISOR ELECTRICAL CHARACTERISTICS
(TA = 0... +70
oC, V
DD -VSS = 6 V unless otherwise specified)
Figure 40. ISC Load with 5V Regulator Output (for IEC7816-3 Class A Cards)
SMARTCARD SUPPLY SUPERVISOR
Symbol
Parameter
Condit ions
Min
Typ
Max
Unit
SSS DRIVER bit SSR=1 : 5V regulator output (for IEC7816-3 Class A Cards)
VSC_PWR SmartCard Power Supply Voltage
VDD-VSS>VSC_PWR+0.5V
4.5
5.00
5.5
V
ISC
SmartCard Supply Current
VDD-VSS = 5.5V,
VSC_PWR=4.5V
30
mA
VDD-VSS =6 V,
VSC_PWR=4.8V
60
mA
VOVLD
Voltage Drop Threshold on Current
Overload
VDD-VSS = 6V, RVDD=0V
3.85
V
SSS DRIVER bit SSR=0 : 3V regulator output (for IEC7816-3 Class B Cards)
VSC_PWR SmartCard Power Supply Voltage
2.7
3.00
3.3
V
ISC
SmartCard Supply Current
VDD-VSS = 3.5V
TBD
VDD-VSS = 4.5V
30
mA
VDD-VSS =5V
50
mA
VOVLD
Voltage Drop Threshold on Current
Overload
VDD-VSS = 6V, RVDD=0V
2.4
V
Toff
VSC Turn off Time
CLOADmax=20uF
200
us
Ton
VSC Turn on Time
CLOADmax=20uF
200
us
Smart Card I/O Pins
VIL
Input Low Level Voltage
-
-
0.3V
SCP WR
V
VIH
Input High Level Voltage
0.7V
SCPW R
--
V
VOL
Output Low Level Voltage
I=-2.6mA
-
-
TBD
V
VOH
Output High Level Voltage
I=2.6mA
TBD
-
-
V
IL
Input Leakage Current
VSS<VIN<VSC_PWR
-10
-
10
µA
IRPU
Pull-up Equivalent Resistance
VIN=VSS
40
-
250
K
Ω
TOHL
Output H-L Fall Time
Cl=50pF
-
30
-
ns
TOLH
Output L-H Rise Time
Cl=50pF
-
30
-
ns
VSC_PWR
Load
[mA]
5.0
4.5
4.0
ISC
5.5
3.5
10
20
30
40
50
60
70
VDD=6V
VDD=5.5V
VDD=6.5V
IEC7816-3 Spec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com