Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72411R Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST72411R
Description  8-BIT MCU WITH SMARTCARD INTERFACE, LCD DRIVER, 8-BIT TIMER, SAFE RESET AND SUPPLY MONITORING
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72411R Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST72411R Datasheet HTML 24Page - STMicroelectronics ST72411R Datasheet HTML 25Page - STMicroelectronics ST72411R Datasheet HTML 26Page - STMicroelectronics ST72411R Datasheet HTML 27Page - STMicroelectronics ST72411R Datasheet HTML 28Page - STMicroelectronics ST72411R Datasheet HTML 29Page - STMicroelectronics ST72411R Datasheet HTML 30Page - STMicroelectronics ST72411R Datasheet HTML 31Page - STMicroelectronics ST72411R Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 71 page
background image
ST72411R
28/71
I/O PORTS (Cont’d)
Smartcard versus Standard I/Os
The Smartcard I/O ports differ from the standard I/
O ports in that they have a different power supply:
the output buffers and the input Schmitt trigger are
supplied by VSC_PWR for the Smartcard I/Os and
by VDD for the Standard I/Os. For Smartcard I/Os,
the Schmitt trigger is designed to guarantee output
levels compatible with VDD for VSC_PWR =5V or
3V.
Caution: When the SSS regulator is deactivated
(bit SSSEN=0), the Smartcard I/O ports cannot be
used correctly (VSC_PWR=VSS). In this case,
special care is required when manipulating exter-
nal interrupts: As Smartcard I/Os are always tied
to ground, they may mask interrupts on other I/O
lines of the same port.
Figure 21. I/O Block Diagram
Table 6. Port Mode Options
NI - not implemented
Off - implemented not activated
On - implemented and activated
DR
DDR
OR
PAD
VDD or VSC_PWR
ALTERNATE
ENABLE
ALTERNATE
OUTPUT
1
0
OR SEL
DDR SEL
DR SEL
INTERRUPT
PULL-UP
CONDITION
P-BUFFER
(OPTION*)
N-BUFFER
PULL-UP
(OPTION*)
1
0
* SEE TABLE BELOW
ANALOG
INPUT
If implemented
ALTERNATE
INPUT
VDD or VSC_PWR
DIODES
(OPTION*)
PULL-DOWN
CONDITION
Configura tion Mode
Pull-Up
P-Buffer
Diodes
Input
Floating
Off
Off
On
Pull-up with Interrupt
On
Output
Push-pull
Off
On
Open Drain (logic level)
Off
Push-pull with pull-up
On
On
Open Drain (logic level) with pull-up
Off
True Open Drain
NI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com