Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72411R Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST72411R
Description  8-BIT MCU WITH SMARTCARD INTERFACE, LCD DRIVER, 8-BIT TIMER, SAFE RESET AND SUPPLY MONITORING
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72411R Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST72411R Datasheet HTML 37Page - STMicroelectronics ST72411R Datasheet HTML 38Page - STMicroelectronics ST72411R Datasheet HTML 39Page - STMicroelectronics ST72411R Datasheet HTML 40Page - STMicroelectronics ST72411R Datasheet HTML 41Page - STMicroelectronics ST72411R Datasheet HTML 42Page - STMicroelectronics ST72411R Datasheet HTML 43Page - STMicroelectronics ST72411R Datasheet HTML 44Page - STMicroelectronics ST72411R Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 71 page
background image
ST72411R
41/71
LCD DRIVER (Cont’d)
5.4.2 Segment and Common signals
Each picture element of the LCD panel is turned
on when the differential voltage between the seg-
ment signal and the common signal rises above a
certain threshold voltage. It is turned off when the
voltage is below the threshold voltage.
Common signals determine the select timing with-
in a frame cycle. The common signals have identi-
cal waveforms, but different phases. Each com-
mon signal has the highest amplitude only in the
corresponding phase of a frame cycle. At the other
phases, the signal amplitude is lower (2/3 - 1/3). A
picture element can only be turned on with high
signal amplitude.
The LCD driver has 32x4 bits of display memory.
The corresponding address locations are read out
automatically in synchronisation with the select
timing of COM0, COM1, COM2 and COM3.
Figure 32. Waveforms of LCD Outputs
5.4.3 Reference Voltages
The display voltage levels are supplied by an inter-
nal resistor divider network as shown in Figure 47
This LCD driver generates 4 reference voltages
from VSS and VDD through an internal RC divider
network.
In order to increase current during transitions and
to reduce consumption in static state, two resistive
networks are used. The high resistive divider is
permanently switched on during the LCD opera-
tion. The low resistive divider is only switched on
for a short period of time when the levels of com-
mon and segment lines change. This method com-
bines low source impedance for fast switching of
the LCD with high source impedance for low pow-
er consumption. When the LCD is disabled (bit
LCDEN=0), the internal resitive network is also
switched off for minimum power consumption.
Figure 33. LCD Reference Voltage generation
5.4.4 Display Example
The example in Figure 48 shows a sequence of
two identical frames containing the waveforms dis-
playing a “4” in a seven-segment display.
In each TFRAME period, the LCD driver automati-
cally switches on each of the four COM signals for
one TLCD period. COM0 is on in the first period,
COM1 in the second period and so on. To switch
them on, the waveform goes above and below the
threshold voltages. When the waveform is within
the thresholds, the COM is off.
The SEG signals are controlled by software by
programming the display memory.
– SEG 0 is off during the first period and on for the
remaining three periods.
– SEG 1 is off during TLCD periods 1, 2, and 4 and
on for TLCD period 3.
To program the display memory for this example,
software must write 00h in locations 0140h -0143h
and 01h in locations 144h through 0147h (refer to
Section 5.4.7)
VDD
2/3
1/3
GND
COM ON
LCD clock
COMi
COM OFF
VDD
2/3
1/3
GND
SEG ON
SEGi
SEG OFF
RL
C
C
RL
RL
2VDD/3
VDD
VSS
RH
RH
RH
RL ON
LCDE
VDD
VSS
VDD/3
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com