Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72411R Datasheet(PDF) 57 Page - STMicroelectronics

Part # ST72411R
Description  8-BIT MCU WITH SMARTCARD INTERFACE, LCD DRIVER, 8-BIT TIMER, SAFE RESET AND SUPPLY MONITORING
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72411R Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST72411R Datasheet HTML 53Page - STMicroelectronics ST72411R Datasheet HTML 54Page - STMicroelectronics ST72411R Datasheet HTML 55Page - STMicroelectronics ST72411R Datasheet HTML 56Page - STMicroelectronics ST72411R Datasheet HTML 57Page - STMicroelectronics ST72411R Datasheet HTML 58Page - STMicroelectronics ST72411R Datasheet HTML 59Page - STMicroelectronics ST72411R Datasheet HTML 60Page - STMicroelectronics ST72411R Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 71 page
background image
ST72411R
57/71
7.2 RECOMMENDED OPERATING CONDITIONS
Figure 39. Maximum Operating Frequency (fOSC) Versus Supply Voltage (VDD)
(Operating conditions T
A = 0 to +70°C unless otherwise specified)
GENERAL
Symbol
Parameter
Conditi ons
Min
Typ
Max
Unit
VDD
Supply voltage
see Figure 39
4.0
6.6
V
fRCINT
Internal oscillator frequency
7.16
±25%
MHz
fOSC
External clock source
>0
8
TA
Ambient temperature range
0
70
°C
I26&
>0+ ] @
Main Supply Voltage
[VDD]
FUNCTIONALI TY NOT GUARAN TEED IN THIS AREA
FUNCTIONA LITY GUARANTE ED IN THIS AREA WITH FOR 3V CARDS ONLY (ISO/IE C7816-3 CLASS B)
FUNCTI ONALITY GUARANTEE D IN THIS AREA
FOR 3V AND 5V CARDS
fRCINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com