Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72411R Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST72411R
Description  8-BIT MCU WITH SMARTCARD INTERFACE, LCD DRIVER, 8-BIT TIMER, SAFE RESET AND SUPPLY MONITORING
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72411R Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST72411R Datasheet HTML 29Page - STMicroelectronics ST72411R Datasheet HTML 30Page - STMicroelectronics ST72411R Datasheet HTML 31Page - STMicroelectronics ST72411R Datasheet HTML 32Page - STMicroelectronics ST72411R Datasheet HTML 33Page - STMicroelectronics ST72411R Datasheet HTML 34Page - STMicroelectronics ST72411R Datasheet HTML 35Page - STMicroelectronics ST72411R Datasheet HTML 36Page - STMicroelectronics ST72411R Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 71 page
background image
ST72411R
33/71
MISCELLANEOUS REGISTER (Cont’d)
0 ,6 &( / / $ 1 ( 2 8 6 5 ( *,67 ( 5
0 ,6&5
Read/Write
Reset Value: x000 0000 (x0h)
(for bit 7, the reset value depends on VDD)
Bit 7 = PSSF
Power Supply Supervisor Flag
This bit is set and cleared by hardware.
0: VDD is greater than VPSS.
1: VDD is less than VPSS.
Bit 6= LVD
LVD ON during HALT mode
This bit is set and cleared by software.
This bit is used to keep the LVD active during
HALT mode.
0: LVD switched off in HALT mode (reset state).
1: LVD active in HALT mode.
Bit 5 = IPB
Interrupt polarity for port B
This bit is used to reverse the external interrupt
sensitivity polarity of the port B[6:0] pins. It is set
and cleared by software.
0: Standard sensitivity polarity
1: Reversed sensitivity polarity
Note: See IS[1:0] bit description for more details.
This bit can be written only when the I bit of the CC
register is set to 1 (if interrupts are masked).
Bit 4:3 = IS[1:0]
EI0 and EI1 sensitivity
These bits are used to program the interrupt sen-
sitivity of the following external interrupts:
- EI1 (port B[6:0])
- EI0 (port A[7:0])
These 2 bits can be written only when the I bit of
the CC register is set to 1 (interrupt masked).
Bit 2 = PDIE
Power Down Interrupt Enable
This bit is set and cleared by software.
0: Power down interrupt disabled
1: Power down interrupt enabled
Bit 1 = PDF
Power Down Flag
This bit is set and cleared by software or set by
hardware if (VREF -VDD) > M. If the PDIE bit is set,
an interrupt is generated when PDF is set (sensi-
tivity is high level). It can be cleared only by soft-
ware writing zero. It can also be set by software,
generating an interrupt if PDIE is enabled.
0: (VREF -VDD) < M : No open VDD circuit detected
1: (VREF -VDD) > M : Open VDD circuit detected.
Bit 0 = SMS
Slow mode select
This bit is set and cleared by software.
0: Normal mode. fCPU = fOSC /2
1: Slow mode. fCPU = fOSC /32
See low power mode and MCC chapters for more
details.
7
654
3
210
PSSF LVD
IPB
IS1
IS0
PDIE
PDF
SMS
IS1
IS0
External Interrupt Sensitivity
MISCR.IPB=0
MISCR.IPB=1
00
Falling edge &
low level
Rising edge
& high level
0
1
Rising edge only
Falling edge only
1
0
Falling edge only
Rising edge only
1
1
Rising and falling edge
IS1
IS0
External Interrupt Sensitivity
0
0
Falling edge & low level
0
1
Rising edge only
1
0
Falling edge only
1
1
Rising and falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com