Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72411R Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST72411R
Description  8-BIT MCU WITH SMARTCARD INTERFACE, LCD DRIVER, 8-BIT TIMER, SAFE RESET AND SUPPLY MONITORING
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72411R Datasheet(HTML) 4 Page - STMicroelectronics

  ST72411R Datasheet HTML 1Page - STMicroelectronics ST72411R Datasheet HTML 2Page - STMicroelectronics ST72411R Datasheet HTML 3Page - STMicroelectronics ST72411R Datasheet HTML 4Page - STMicroelectronics ST72411R Datasheet HTML 5Page - STMicroelectronics ST72411R Datasheet HTML 6Page - STMicroelectronics ST72411R Datasheet HTML 7Page - STMicroelectronics ST72411R Datasheet HTML 8Page - STMicroelectronics ST72411R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 71 page
background image
ST72411R
4/71
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The ST72411R devices are members of the ST7
microcontroller family. They are designed for
Smartcard reader applications.
All ST72411R family devices are based on a com-
mon industry-standard 8-bit core, featuring an en-
hanced instruction set.
The ST72C411R devices feature single-voltage
FLASH memory with byte-by-byte In-Situ Pro-
gramming (ISP) capability.
Under software control, all devices can be placed
in WAIT, SLOW, or HALT mode, reducing power
consumption when the application is in idle or
standby state.
The enhanced instruction set and addressing
modes of the ST7 offer both power and flexibility to
software developers, enabling the design of highly
efficient and compact application code. In addition
to standard 8-bit data management, all ST7 micro-
controllers feature true bit manipulation, 8x8 un-
signed multiplication and indirect addressing
modes.
Figure 1. Device Block Diagram
8-BIT CORE
ALU
OSC_SEL
CONTROL
PROGRAM
(4K Bytes)
VSS
RESE T
RAM
(256 Bytes)
PORT A
PA7:0
(8 bits)
8-BIT TIMER
PORT B
PB6:0
(7 bits)
VDD
OSCIN
INTEGR ATED
LVDS
MEMORY
7.16 MHZ
OSCILLATOR
SC SUPP LY
SUPE RVISOR
SC_PWR
LCD DRIVER
+
LCD RAM (32x4)
SEG31:0
(32 segments)
COM3:0
(4 coms)
VREF
(SSS)
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com