Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72411R Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST72411R
Description  8-BIT MCU WITH SMARTCARD INTERFACE, LCD DRIVER, 8-BIT TIMER, SAFE RESET AND SUPPLY MONITORING
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72411R Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST72411R Datasheet HTML 33Page - STMicroelectronics ST72411R Datasheet HTML 34Page - STMicroelectronics ST72411R Datasheet HTML 35Page - STMicroelectronics ST72411R Datasheet HTML 36Page - STMicroelectronics ST72411R Datasheet HTML 37Page - STMicroelectronics ST72411R Datasheet HTML 38Page - STMicroelectronics ST72411R Datasheet HTML 39Page - STMicroelectronics ST72411R Datasheet HTML 40Page - STMicroelectronics ST72411R Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 71 page
background image
ST72411R
37/71
8-BIT TIMER (Cont’d)
5.3.4.3 Event counter mode
(TOUT = “0”, DOUT = “0”)
Figure 27. fTIMER Clock in Event Counter Mode
In this mode, the TIMIO pin is the input clock of the
Timer prescaler which is decremented on every
rising edge of the input clock (allowing event
count). See Figure 41 and Figure 42.
This mode is selected by clearing the TOUT bit in
the TSCR register (i.e. as input) and clearing the
DOUT bit.
Figure 28. Event Counter Mode Operation
5.3.4.4 Output mode
(TOUT = “1”, DOUT = “data out”)
Figure 29. Output Mode Control
In Output mode, the TIMIO pin is connected to the
DOUT latch, hence the Timer prescaler is clocked
by the prescaler clock input (fCPU/16). See Figure
43.
The user can select the desired prescaler division
ratio through the PS1 and PS0 bits of the TSCR
register. When the TCR count underflows, it sets
the UDF bit in the TSCR. The UDF bit can be test-
ed under program control to perform a timer func-
tion whenever it goes high and has to be cleared
by the user. The low-to-high UDF bit transition is
used to latch the DOUT bit of the TSCR and, if the
OEN bit is set, DOUT is transferred to the TIMIO
pin. This operating mode allows external signal
generation on the TIMIO pin. See Figure 44.
This mode is selected by setting the TOUT bit in
the TSCR register (i.e. as output) and setting the
DOUT bit to output a high level or clearing the
DOUT bit to output a low level
Figure 30. Output Mode Operation
fTIMER
TIMIO
xx1
Counter Value
TIMIO Pin
Value 1
Value 2
xx2
TIMIO
OEN
DOUT
UDF
LATCH
ALTERNATE
FUNCTION
TOUT DOUT
Timer
Function
Applic ation
00
Event Counter
(input)
External counter clock
source
01
Gated input
(input)
External Pulse length
measurement
10
Output “0”
(output)
Output signal
11
Output “1”
(output)
generation
FFh
1
Counter
TIMIO Pin
1st downcount :
Default output value is 0
At each underflow
DOUT has to be
copied to the TIMIO
pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com