Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72411R Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST72411R
Description  8-BIT MCU WITH SMARTCARD INTERFACE, LCD DRIVER, 8-BIT TIMER, SAFE RESET AND SUPPLY MONITORING
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72411R Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST72411R Datasheet HTML 20Page - STMicroelectronics ST72411R Datasheet HTML 21Page - STMicroelectronics ST72411R Datasheet HTML 22Page - STMicroelectronics ST72411R Datasheet HTML 23Page - STMicroelectronics ST72411R Datasheet HTML 24Page - STMicroelectronics ST72411R Datasheet HTML 25Page - STMicroelectronics ST72411R Datasheet HTML 26Page - STMicroelectronics ST72411R Datasheet HTML 27Page - STMicroelectronics ST72411R Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 71 page
background image
ST72411R
24/71
INTERRUPTS (Cont’d)
Table 4. Interrupt Mapping
N
°
Source
Block
Description
Register
Label
Priority
Order
Exit
from
HALT
Address
Vector
RESET
Reset
N/A
Highest
Priority
Lowest
Priority
yes
FFF Eh-FFFFh
TRAP
Software Interrupt
no
FFF Ch-FFFDh
0
Not used
-
FFF Ah-FFFBh
1
Not used
FFF 8h-FFF9h
2
EI0
External Interrupt Port A7..0
N/A
yes
FFF 6h-FFF7h
3
EI1
External Interrupt Port B6..0
FFF 4h-FFF5h
4
Not used
-
FFF 2h-FFF3h
5
Not used
FFF 0h-FFF1h
6
Not used
FFEEh-FF EFh
7
Not used
FFECh-FF EDh
8
TIMER
Timer Underflow Interrupt
TSCR
yes
FFEAh-FFEBh
9
Not used
FFE8h-FFE9h
10
Not used
FFE6h-FFE7h
11
Not used
FFE4h-FFE5h
12
SSS
Smartcard Current Overload Interrupt
SSSR
no
FFE2h-FFE3h
13
LVDS
Power Down Interrupt
MISCR
no
FFE0h-FFE1h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com