Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7293 Datasheet (PDF) - STMicroelectronics

ST7293 Datasheet PDF - STMicroelectronics
Part # ST7293
Download  ST7293 Download
File Size   540.66 Kbytes
Page   69 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE

ST7293 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7293 Datasheet PDF - STMicroelectronics

Part # ST7293
Download  ST7293 Click to download

File Size   540.66 Kbytes
Page   69 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE

ST7293 Datasheet (HTML) - STMicroelectronics


ST7293 Product details

 2.5 to 5.5V Supply Operating Range
 4MHz Maximum Clock Frequency
 Fully Static operation
 -40° to +85°C Operating Temperature Range
 Run, Wait, Stop and RAM Retention modes
 User ROM: 6,144 bytes
 Data RAM: 224 bytes
 EEPROM: 256 bytes
 28 pin Dual-in-Line and SO plastic packages
 22 Bidirectional I/O lines
 6 Interrupt Wake-Up programmable input lines
 16-bit Timer with Input Capture and dual
Output Compare
 2V RAM Data Retention mode
 Master Reset and Power-On Reset
 Maskable Options for:
– Input Capture (ICAP) and Output Compare
(OCMP) signal pinouts
– PORT C Wake-Up function
– PORT A Open-Drain outputs
– PORTS A and B input Pull-Ups
– Watchdog Enabled/Disabled following Reset
– Watchdog Enabled during WAIT mode
 8-bit Data Manipulation
 63 Basic Instructions
 17 main Addressing Modes
 8x8 Unsigned Multiply instruction
 True Bit Manipulation
 Complete Development Support on PC/DOS
Real-Time Emulator
 Full Software Package (Cross-Assembler,
Debugger)
 Full Hardware Emulator
 EPROM and OTP support

1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The ST7294 HCMOS Microcontroller Unit is a
member of the ST7 family of Microcontrollers. The
device is based on an industry-standard 8-bit core
and features an enhanced instruction set. The
CPU may be driven by an external 4MHz clock
when the device is operated with a 5V supply, or
by a 2MHz clock when operated with a 3V supply.
Thanks to the fully static design, operation is possible
down to DC. Under software control, the
ST7294 may be placed in either WAIT or HALT
modes, thus reducing power consumption. The
enhanced instruction set and addressing modes
afford real programming potential. In addition to
standard 8-bit data management, the ST7294 features
true bit manipulation, 8x8 unsigned multiplication
and indirect addressing modes. The device
includes a CPU, ROM, RAM, EEPROM, I/O, an
on-chip oscillator and a timer with input capture
and dual output compare systems.




Similar Part No. - ST7293

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7291L STMICROELECTRONICS-ST7291L Datasheet
46Kb / 5P
8-BIT MCU WITH 8/12/16/24/32K ROM, TIMER, SUPPLY SUPERVISOR AND CARRIER FREQUENCY GENERATOR
Dec-1997
ST7291L2 STMICROELECTRONICS-ST7291L2 Datasheet
46Kb / 5P
8-BIT MCU WITH 8/12/16/24/32K ROM, TIMER, SUPPLY SUPERVISOR AND CARRIER FREQUENCY GENERATOR
Dec-1997
ST7291L3 STMICROELECTRONICS-ST7291L3 Datasheet
46Kb / 5P
8-BIT MCU WITH 8/12/16/24/32K ROM, TIMER, SUPPLY SUPERVISOR AND CARRIER FREQUENCY GENERATOR
Dec-1997
ST7291L4 STMICROELECTRONICS-ST7291L4 Datasheet
46Kb / 5P
8-BIT MCU WITH 8/12/16/24/32K ROM, TIMER, SUPPLY SUPERVISOR AND CARRIER FREQUENCY GENERATOR
Dec-1997
ST7291L5 STMICROELECTRONICS-ST7291L5 Datasheet
46Kb / 5P
8-BIT MCU WITH 8/12/16/24/32K ROM, TIMER, SUPPLY SUPERVISOR AND CARRIER FREQUENCY GENERATOR
Dec-1997
More results


Similar Description - ST7293

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7272 STMICROELECTRONICS-ST7272 Datasheet
6Mb / 119P
8-BIT MCU WITH 24K ROM, EEPROM,ADC,PWM/BRM DACs,SYNC PROCESSOR,EWPCC,TIMER AND DDC INTERFACE
May-1996
ST7291L STMICROELECTRONICS-ST7291L Datasheet
46Kb / 5P
8-BIT MCU WITH 8/12/16/24/32K ROM, TIMER, SUPPLY SUPERVISOR AND CARRIER FREQUENCY GENERATOR
Dec-1997
ST92F120 STMICROELECTRONICS-ST92F120 Datasheet
1Mb / 320P
8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
Rev. 2.1
logo
Microchip Technology
PIC16C712 MICROCHIP-PIC16C712 Datasheet
1Mb / 108P
8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
1999
PIC16F716 MICROCHIP-PIC16F716 Datasheet
1Mb / 126P
8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
2003
logo
STMicroelectronics
ST92F120V9 STMICROELECTRONICS-ST92F120V9 Datasheet
3Mb / 324P
8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
31-Jan-2000
logo
Taiwan Memory Technolog...
T81L0010B TMT-T81L0010B Datasheet
157Kb / 19P
8-bit MCU with Embedded EEPROM
logo
Microchip Technology
PIC16C712 MICROCHIP-PIC16C712_13 Datasheet
1Mb / 106P
8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
11/29/12 1999-2013
PIC16F716-I-P MICROCHIP-PIC16F716-I-P Datasheet
2Mb / 136P
8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
12/08/06
PIC16F716-I MICROCHIP-PIC16F716-I Datasheet
1Mb / 136P
8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
12/08/06
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com