Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7293 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7293
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7293 Datasheet(HTML) 1 Page - STMicroelectronics

  ST7293 Datasheet HTML 1Page - STMicroelectronics ST7293 Datasheet HTML 2Page - STMicroelectronics ST7293 Datasheet HTML 3Page - STMicroelectronics ST7293 Datasheet HTML 4Page - STMicroelectronics ST7293 Datasheet HTML 5Page - STMicroelectronics ST7293 Datasheet HTML 6Page - STMicroelectronics ST7293 Datasheet HTML 7Page - STMicroelectronics ST7293 Datasheet HTML 8Page - STMicroelectronics ST7293 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
September 1995
1/69
Figure 1. Pin Description
INT
RESET
OSCin
OSCout
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
PC5
V
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
PC0 (ICAP)
PC1 (OCMP1)
PC2
PC3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
VR0A1734
DD
VSS
PC4
(1)
PDIP28
PSO28
(See end of Datasheet for Ordering Information)
ST7294
8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH
INPUT CAPTURE AND DUAL OUTPUT COMPARE
n 2.5 to 5.5V Supply Operating Range
n 4MHz Maximum Clock Frequency
n Fully Static operation
n -40
° to +85°C Operating Temperature Range
n Run, Wait, Stop and RAM Retention modes
n User ROM:
6,144 bytes
n Data RAM:
224 bytes
n EEPROM:
256 bytes
n 28 pin Dual-in-Line and SO plastic packages
n 22 Bidirectional I/O lines
n 6 Interrupt Wake-Up programmable input lines
n 16-bit Timer with Input Capture and dual
Output Compare
n 2V RAM Data Retention mode
n Master Reset and Power-On Reset
n Maskable Options for:
– Input Capture (ICAP) and Output Compare
(OCMP) signal pinouts
– PORT C Wake-Up function
– PORT A Open-Drain outputs
– PORTS A and B input Pull-Ups
– Watchdog Enabled/Disabled following Reset
– Watchdog Enabled during WAIT mode
n 8-bit Data Manipulation
n 63 Basic Instructions
n 17 main Addressing Modes
n 8x8 Unsigned Multiply instruction
n True Bit Manipulation
n Complete Development Support on PC/DOS
Real-Time Emulator
n Full
Software Package
(Cross-Assembler,
Debugger)
n Full Hardware Emulator
n EPROM and OTP support


Similar Part No. - ST7293

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7291L STMICROELECTRONICS-ST7291L Datasheet
46Kb / 5P
8-BIT MCU WITH 8/12/16/24/32K ROM, TIMER, SUPPLY SUPERVISOR AND CARRIER FREQUENCY GENERATOR
Dec-1997
ST7291L2 STMICROELECTRONICS-ST7291L2 Datasheet
46Kb / 5P
8-BIT MCU WITH 8/12/16/24/32K ROM, TIMER, SUPPLY SUPERVISOR AND CARRIER FREQUENCY GENERATOR
Dec-1997
ST7291L3 STMICROELECTRONICS-ST7291L3 Datasheet
46Kb / 5P
8-BIT MCU WITH 8/12/16/24/32K ROM, TIMER, SUPPLY SUPERVISOR AND CARRIER FREQUENCY GENERATOR
Dec-1997
ST7291L4 STMICROELECTRONICS-ST7291L4 Datasheet
46Kb / 5P
8-BIT MCU WITH 8/12/16/24/32K ROM, TIMER, SUPPLY SUPERVISOR AND CARRIER FREQUENCY GENERATOR
Dec-1997
ST7291L5 STMICROELECTRONICS-ST7291L5 Datasheet
46Kb / 5P
8-BIT MCU WITH 8/12/16/24/32K ROM, TIMER, SUPPLY SUPERVISOR AND CARRIER FREQUENCY GENERATOR
Dec-1997
More results

Similar Description - ST7293

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7272 STMICROELECTRONICS-ST7272 Datasheet
6Mb / 119P
8-BIT MCU WITH 24K ROM, EEPROM,ADC,PWM/BRM DACs,SYNC PROCESSOR,EWPCC,TIMER AND DDC INTERFACE
May-1996
ST7291L STMICROELECTRONICS-ST7291L Datasheet
46Kb / 5P
8-BIT MCU WITH 8/12/16/24/32K ROM, TIMER, SUPPLY SUPERVISOR AND CARRIER FREQUENCY GENERATOR
Dec-1997
ST92F120 STMICROELECTRONICS-ST92F120 Datasheet
1Mb / 320P
8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
Rev. 2.1
logo
Microchip Technology
PIC16C712 MICROCHIP-PIC16C712 Datasheet
1Mb / 108P
8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
1999
PIC16F716 MICROCHIP-PIC16F716 Datasheet
1Mb / 126P
8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
2003
logo
STMicroelectronics
ST92F120V9 STMICROELECTRONICS-ST92F120V9 Datasheet
3Mb / 324P
8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
31-Jan-2000
logo
Taiwan Memory Technolog...
T81L0010B TMT-T81L0010B Datasheet
157Kb / 19P
8-bit MCU with Embedded EEPROM
logo
Microchip Technology
PIC16C712 MICROCHIP-PIC16C712_13 Datasheet
1Mb / 106P
8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
11/29/12 1999-2013
PIC16F716-I-P MICROCHIP-PIC16F716-I-P Datasheet
2Mb / 136P
8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
12/08/06
PIC16F716-I MICROCHIP-PIC16F716-I Datasheet
1Mb / 136P
8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com