Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7293 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST7293
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7293 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST7293 Datasheet HTML 3Page - STMicroelectronics ST7293 Datasheet HTML 4Page - STMicroelectronics ST7293 Datasheet HTML 5Page - STMicroelectronics ST7293 Datasheet HTML 6Page - STMicroelectronics ST7293 Datasheet HTML 7Page - STMicroelectronics ST7293 Datasheet HTML 8Page - STMicroelectronics ST7293 Datasheet HTML 9Page - STMicroelectronics ST7293 Datasheet HTML 10Page - STMicroelectronics ST7293 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
7/69
ST7294
1.3 MEMORY MAP
As shown in Figure 3, the ST7294 is capable of
addressing 8,192 bytes of memory and I/O regis-
ters, of which 6,612 bytes are user accessible.
The locations consist of 32 bytes of I/O registers
(of which only 20 are available), 224 bytes of
RAM, 256 bytes of EEPROM and 6Kbytes of user
ROM. The RAM space includes 64 bytes for the
stack from 0FFh to 0C0h. Programs that only use
a small part of the allocated stack locations for in-
terrupts and/or subroutine stacking purpose can
use the remaining bytes as standard RAM loca-
tions.
The highest address bytes contain the user-de-
fined reset and interrupt vectors.
Figure 3. ST7294 Memory Map
I/O and REGISTERS
32 Bytes
RAM
224 Bytes
(STACK)
64 Bytes
256 Bytes
RESERVED
1280 Bytes
RESERVED
240 Bytes
PORT C WAKE-UP (High Byte)
PORT A DATA REGISTER
PORT B DATA REGISTER
PORT C DATA REGISTER/INTERRUPTS
PORT A DATA DIRECTION REGISTER
PORT B DATA DIRECTION REGISTER
PORT C DATA DIRECTION REGISTER
EEPROM CONTROL REGISTER
MISCELLANEOUS REGISTER
TIMER CONTROL REGISTER
TIMER STATUS REGISTER
CAPTURE HIGH REGISTER 1
CAPTURE LOW REGISTER 1
COUNTER HIGH REGISTER
COMPARE LOW REGISTER 1
COMPARE HIGH REGISTER 1
COUNTER LOW REGISTER
ALTERNATE COUNTER HIGH REGISTER
ALTERNATE COUNTER LOW REGISTER
COMPARE HIGH REGISTER 2
PORTS
6 Bytes
EEPROM/CBULK
CONTROL 1 Byte
Miscellaneus
1 Byte
TIMER
12 Bytes
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
18h
19h
1Ah
1Bh
1Ch
1Dh
1Eh
COMPARE LOW REGISTER 2
1Fh
0000
0031
0032
0191
0192
0255
0256
0512
0511
1791
1792
7935
7936
8175
8176
0000h
1FFFh
1FF0h
1FEFh
1F00h
1EFFh
0700h
06FFh
01FFh
0200h
00FFh
00C0h
00BFh
VR01847C
EEPROM
RESERVED
RESERVED
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
09
08
07
06
05
04
03
02
01
00
1FFFh
1FF4h
1FF5h
1FF6h
1FF7h
1FF8h
1FF9h
1FFAh
1FFBh
1FFCh
1FFDh
1FFEh
0100h
PORT C WAKE-UP (Low Byte)
TIMER OVERFLOW (High Byte)
TIMER OVERFLOW (Low Byte)
TIMER OUTPUT COMPARES (High Byte)
TIMER OUTPUT COMPARES (Low Byte)
TIMER INPUT CAPTURE (High Byte)
TIMER INPUT CAPTURE (Low Byte)
EXTERNAL INTERRUPT (INT) (High)
EXTERNAL INTERRUPT (INT) (Low)
TRAP INSTRUCTION (High Byte)
TRAP INSTRUCTION (Low Byte)
RESET and POWER ON (POR) (High)
RESET and POWER ON (POR) (Low)
USER VECTORS
16 Bytes
8191
1FF0h
1FF1h
001Fh
0020h
1FF3h
NOT USED
1FF2h
NOT USED
Option Byte (1)
0513
0201h
(1) Only on EPROM/OTP Version
6K USER
ROM or EPROM
6144 Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com