Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7293 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST7293
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7293 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST7293 Datasheet HTML 43Page - STMicroelectronics ST7293 Datasheet HTML 44Page - STMicroelectronics ST7293 Datasheet HTML 45Page - STMicroelectronics ST7293 Datasheet HTML 46Page - STMicroelectronics ST7293 Datasheet HTML 47Page - STMicroelectronics ST7293 Datasheet HTML 48Page - STMicroelectronics ST7293 Datasheet HTML 49Page - STMicroelectronics ST7293 Datasheet HTML 50Page - STMicroelectronics ST7293 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 69 page
background image
September 1995
47/69
ST72E94
ST72T94
8-BIT HCMOS MCU WITH 6K EPROM, EEPROM AND 16-BIT
TIMER WITH INPUT CAPTURE AND OUTPUT COMPARE
n 3.0 to 5.5V Supply Operating Range
n 4MHz Maximum Clock Frequency
n Fully Static operation
n -40
° to +85°C Operating Temperature Range
n Run, Wait, Stop and RAM Retention modes
n User EPROM:
6,144 bytes
n Data RAM:
224 bytes
n EEPROM:
256 bytes
n 28 pin Dual-in-Line and SO plastic packages for
ST72T94 OTP version
n 28
pin Ceramic Dual-in-Line package for
ST72E94 EPROM version
n 22 Bidirectional I/O lines
n 6 Interrupt Wake-Up programmable input lines
n 16-bit Timer with Input Capture and dual Output
Compare
n 2V RAM Data Retention mode
n Master Reset and Power-On Reset
n Compatible with ST7294 (6K) and ST 7293
(3.25K) ROM devices
n 8-bit Data Manipulation
n 63 Basic Instructions
n 17 main Addressing Modes
n 8x8 Unsigned Multiply instruction
n True Bit Manipulation
n Complete Development Support on PC/DOS
Real-Time Emulator
n Full
Software
Package
(Cross-Assembler,
Debugger)
Figure 1. Pin Description
Note 1. This pin is also the VPP input for EPROM based devices
PDIP28
PSO28
CDIP28W
(See end of Datasheet for Ordering Information)
INT
RESET
OSCin
OSCout
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
PC5
V
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
PC0 (ICAP)
PC1 (OCMP1)
PC2
PC3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
VR0A1734
DD
VSS
PC4
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com