Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7293 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST7293
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7293 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST7293 Datasheet HTML 23Page - STMicroelectronics ST7293 Datasheet HTML 24Page - STMicroelectronics ST7293 Datasheet HTML 25Page - STMicroelectronics ST7293 Datasheet HTML 26Page - STMicroelectronics ST7293 Datasheet HTML 27Page - STMicroelectronics ST7293 Datasheet HTML 28Page - STMicroelectronics ST7293 Datasheet HTML 29Page - STMicroelectronics ST7293 Datasheet HTML 30Page - STMicroelectronics ST7293 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 69 page
background image
27/69
ST7294
4.3.2.3 Input Capture
The ST7294 features an Input Capture register
and an Input Capture interrupt enable bit.The 16-
bit Input Capture Register, ICR1, is made up of
two 8-bit registers: the most significant byte regis-
ter, ICHR1, located at 014h, and the least signifi-
cant byte register (ICLR1) located at 015h. The
read-only register ICR1 is used to latch the value
of the free running counter after a defined transi-
tion is sensed by the input capture edge detector
on ICAP. This transition is software programmable
through the IEDG1 bit of the Timer Control Regis-
ter. When IEDG1 is set, a rising edge triggers the
capture; when IEDG1 is low, the capture is trig-
gered by a falling edge.
When an input capture occurs, flag ICF1 in the
Timer Status Register (TSR) is set. An interrupt is
requested if the interrupt enable bit ICIE of the
TCR is set, provided the I bit of the CCR is
cleared. Otherwise, the interrupt remains pending
until both conditions become true. The condition is
cleared by reading the TSR followed by an access
(read or write) to the LSB of ICR1.
The result stored in ICR1 is one more than the val-
ue of the free running counter on the rising edge of
the internal processor clock preceding the active
transition at pin ICAP (see Figure 19). This delay
is required for internal synchronization. Therefore,
the timing resolution of the input capture system is
1/4 internal clock cycle.
The free running counter is transferred to ICR1 on
each proper signal transition regardless of wheth-
er the Input Capture Flag ICF1 is set or cleared.
The ICR1 always contains the free running coun-
ter value which corresponds to the most recent in-
put capture.
After a read of the MSB of ICR1 (ICHR1), counter
transfer of input capture is inhibited until the LSB
of ICR1 (ICLR1) is also read. This characteristic
forces the minimum pulse period attainable to be
determined by the time to service the interrupt and
to execute the interrupt routine.
A read of ICLR1 does not inhibit the counter trans-
fer. Again, minimum pulse periods are the ones
which allow software to read the least significant
byte and perform needed operations. There is no
conflict between the read of ICR1 and the running
counter transfer since they occur on opposite edg-
es of the internal processor clock (see Figure 19).
The ICR1 is undetermined at power-on and is not
affected by an external reset. Hardware circuitry
has to provide protection from generating a wrong
input capture when changing the edge sensitivity
option of ICAP pin through the IEDG1 bit.
During the HALT mode, if at least one valid input
capture edge occurs at the ICAP pin, the input
capture detect circuitry is armed. This action does
not set any timer flags nor “wake-up” the MCU. If
the MCU is awaken by an interrupt, there is an ac-
tive input capture flag and data from the first valid
edge that occurred during the HALT mode. If the
HALT mode is exited by a reset, the input capture
detect circuitry is reset and thus, any active edge
that happened during the HALT mode is lost.
4.3.2.4 Output Compare
There are two output compare registers: Output
Compare Register 1 and 2 (OCR1 and OCR2).
They can be used for several purposes such as
controlling an output waveform or indicating when
a period of time has elapsed. OCMP1 pin is asso-
ciated with output compare 1; no pin is associated
with output compare 2.
The Output Compare Registers are unique be-
cause all bits are readable and writable and are
not affected by the timer hardware and reset. If a
compare function is not used, the two bytes of the
corresponding Output Compare Registers can be
used as storage locations.
Note that the same output compare interrupt ena-
ble bit is used for both output compares.
4.3.2.5 Output Compare Register 1
The Output Compare Register 1 (OCR1) is a 16-
bit register, which is made up of two 8-bit registers:
The most significant byte register (OCHR1) at ad-
dress 0016h and the least significant byte register
(OCLR1) at address 0017h. The content of OCR1
is compared with the content of the free running
counter once during every timer clock cycles, i.e.
once every 8, 4 or 2 internal processor clock peri-
ods according to the TIMER CLOCK mask option.
If match is found, the Output Compare Flag OCF1
of the TSR is set and the Output Level bit (OLVL1)
of the TCR is clocked to the OCMP1 pin (see out-
put compare timing diagram on Figure 19 and Fig-
ure 21).
OLVL1 is copied to the corresponding output level
latch and hence, to the OCMP1 pin regardless of
whether the Output Compare Flag (OCF1) is set
or not. The value in the OCR1 and the OLVL1 bit
should be changed after each successful compar-
ison in order to control an output waveform or es-
tablish a new elapsed timeout.
An interrupt accompanies a successful output
compare if the corresponding interrupt enable bit
OCIE of the TCR is set, provided the I-bit of the
CCR is cleared. Otherwise, the interrupt remains
pending until both conditions are true. It is cleared
by a read of TSR followed by an access to the LSB
of the OCR1.
16-BIT TIMER (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com