Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7293 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST7293
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7293 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST7293 Datasheet HTML 18Page - STMicroelectronics ST7293 Datasheet HTML 19Page - STMicroelectronics ST7293 Datasheet HTML 20Page - STMicroelectronics ST7293 Datasheet HTML 21Page - STMicroelectronics ST7293 Datasheet HTML 22Page - STMicroelectronics ST7293 Datasheet HTML 23Page - STMicroelectronics ST7293 Datasheet HTML 24Page - STMicroelectronics ST7293 Datasheet HTML 25Page - STMicroelectronics ST7293 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 69 page
background image
22/69
ST7294
EEPROM (Continued)
Note 1. Bytes must always be erased prior to
being written.
Note 2. E2LAT must be kept high during a time
period designated as tPROG and then be
cleared.
Note 3. When E2LAT is high, access to the
EEPROM array is impossible.
Note 4. It is impossible to perform successive
write or erase cycles without clearing
E2LAT.
Note 5. The device is delivered with the EEPROM
memory filled with the value FFh.
Warning:
User programs must not run from the
EEPROM (reserved for data only).
4.1.5 EEPROM Control Register
Register Address: 07h
—
Read/Write
Reset Value: 0000 0000<N> (00h)
.
This register contains the bits required to read,
erase and program the EEPROM. They are de-
fined as follows:
Bits 7, 6, 5 = Reserved
70
Res
Res
Res
-
-
E2ERA
E2LAT
E2PGM
Bits 4,3 = Unused
Bit 2 = E2ERA
EEPROM Erase
E2ERA must be set to 1 for an erase operation. It
must be set after or at the same time as E2LAT. It
cannot be changed once 1 EEPROM address is
selected. It is held low when E2LAT is low. It is
therefore automatically reset when E2LAT is re-
set.
Bit 1 = E2LAT
EEPROM Latch Enable
When E2LAT is reset to 0, data can be read from
the EEPROM. When it is set to 1 and E2PGM re-
set to 0, a write into the EEPROM array causes
the data to be latched, according to the address
into one of 8 data registers. An additional bit is
latched to select the row. The selected columns
and row determine the locations involved in the
next erase or programming operation. E2LAT
must be cleared after each programming or erase
operation. E2ERA and E2PGM are forced low
when E2LAT is low.
Bit 0 = E2PGM
EEPROM Program Mode
This bit allows to switch on or off the internal
charge pump. When set to 1, the charge pump
generator is on: the high voltage is applied to the
EEPROM array. When low, the charge pump gen-
erator is off. E2PGM can only be reset by resetting
E2LAT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com