Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7291L5 Datasheet (PDF) - STMicroelectronics

ST7291L5 Datasheet PDF - STMicroelectronics
Part # ST7291L5
Download  ST7291L5 Download
File Size   46.96 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT MCU WITH 8/12/16/24/32K ROM, TIMER, SUPPLY SUPERVISOR AND CARRIER FREQUENCY GENERATOR

ST7291L5 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7291L5 Datasheet PDF - STMicroelectronics

Part # ST7291L5
Download  ST7291L5 Click to download

File Size   46.96 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT MCU WITH 8/12/16/24/32K ROM, TIMER, SUPPLY SUPERVISOR AND CARRIER FREQUENCY GENERATOR

ST7291L5 Datasheet (HTML) - STMicroelectronics


ST7291L5 Product details

GENERAL DESCRIPTION
INTRODUCTION
The ST7291L CMOS Microcontroller Unit is a member of the ST7 family of microcontrollers. The device is based on an industry-standard 8-bit core and features an enhanced instruction set. Oscillator frequency may be as high as 8MHz, however, thanks to the fully static design, operation is possible down to DC. Under software control, the ST7291L may be placed in either WAIT or HALT modes, thus reducing power consumption.

■ 2 to 5.5V Supply Operating Range
■ 8MHz Maximum Clock Frequency
■ Fully Static Operation
■ 0 to +70°C Operating Temperature Range
■ Run, Wait, Stop and RAM Retention modes
■ User ROM: 12/16/24/32 Kbytes
■ Data RAM: 256/384 bytes
■ 28 pin SO Plastic Packages
■ 21 Bidirectional I/O lines
■ 8 standard Push-pull I/Os with wake-up feature 13 standard Push-pull I/Os
■ 16-bit Timer with Output Compare (no output pin)
■ Low Voltage Detector (LVD)
■ Interrupt Wake-up function
■ IR Carrier Frequency Generator
■ 8-bit Data Manipulation
■ 63 Basic Instructions
■ 17 main Addressing Modes
■ 8x8 Unsigned Multiply instruction
■ True Bit Manipulation
■ Complete Development Support on PC/DOS/ Windows 3.1x/95/NT with Real-Time Emulator
■ Full Software Package (Cross-Assembler, Debugger)
■ Full Hardware Emulator
■ EPROM and OTP support




Similar Part No. - ST7291L5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7293 STMICROELECTRONICS-ST7293 Datasheet
540Kb / 69P
8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
Sep-1995
ST7293C3B1 STMICROELECTRONICS-ST7293C3B1 Datasheet
540Kb / 69P
8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
Sep-1995
ST7293C3B6 STMICROELECTRONICS-ST7293C3B6 Datasheet
540Kb / 69P
8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
Sep-1995
ST7293C3M1 STMICROELECTRONICS-ST7293C3M1 Datasheet
540Kb / 69P
8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
Sep-1995
ST7293C3M6 STMICROELECTRONICS-ST7293C3M6 Datasheet
540Kb / 69P
8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
Sep-1995
More results


Similar Description - ST7291L5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10C167 STMICROELECTRONICS-ST10C167 Datasheet
433Kb / 65P
16-BIT MCU WITH 32K BYTE ROM
Aug-1999
ST72411R STMICROELECTRONICS-ST72411R Datasheet
449Kb / 71P
8-BIT MCU WITH SMARTCARD INTERFACE, LCD DRIVER, 8-BIT TIMER, SAFE RESET AND SUPPLY MONITORING
Rev. 1.4
ST7261 STMICROELECTRONICS-ST7261 Datasheet
1Mb / 80P
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, ROM MEMORY, LVD, WDG, TIMER
Jun-2003
logo
Hynix Semiconductor
GMS99C58 HYNIX-GMS99C58 Datasheet
628Kb / 34P
32K FLASH EMBEDDED 8-Bit MCU
logo
STMicroelectronics
ST72F324LJ2T STMICROELECTRONICS-ST72F324LJ2T Datasheet
1Mb / 151P
3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
01-Feb-2004
ST72324B STMICROELECTRONICS-ST72324B Datasheet
1Mb / 167P
5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
06-Feb-2006
ST7263BDX STMICROELECTRONICS-ST7263BDX Datasheet
2Mb / 145P
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
Aug-2007
logo
Fortune Semiconductor C...
FS91M68 FORTUNE-FS91M68 Datasheet
869Kb / 24P
8-bit MCU with 1k program ROM
FS9912 FORTUNE-FS9912 Datasheet
859Kb / 34P
8-bit MCU with 4k program ROM
logo
STMicroelectronics
ST7294 STMICROELECTRONICS-ST7294 Datasheet
540Kb / 69P
8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
Sep-1995
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com