Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7291L5 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST7291L5
Description  8-BIT MCU WITH 8/12/16/24/32K ROM, TIMER, SUPPLY SUPERVISOR AND CARRIER FREQUENCY GENERATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7291L5 Datasheet(HTML) 2 Page - STMicroelectronics

  ST7291L5 Datasheet HTML 1Page - STMicroelectronics ST7291L5 Datasheet HTML 2Page - STMicroelectronics ST7291L5 Datasheet HTML 3Page - STMicroelectronics ST7291L5 Datasheet HTML 4Page - STMicroelectronics ST7291L5 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/5
ST7291L
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The ST7291L CMOS Microcontroller Unit is a
member of the ST7 family of microcontrollers. The
device is based on an industry-standard 8-bit core
and features an enhanced instruction set. Oscilla-
tor frequency may be as high as 8MHz, however,
thanks to the fully static design, operation is possi-
ble down to DC. Under software control, the
ST7291L may be placed in either WAIT or HALT
modes, thus reducing power consumption.
The enhanced instruction set and addressing
modes afford real programming potential. In addi-
tion to standard 8-bit data management, the
ST7291L features bit manipulation, 8x8 unsigned
multiplication and indirect addressing modes.
The device includes a CPU, ROM, RAM, I/O, an
on-chip oscillator, a timer with output compare
system and, depending on the version, a Low Volt-
age Detection (LVD) and Carrier Frequency gen-
eration for remote control applications.
Figure 2. ST7291L Block Diagram
OSCILLATOR
PORT A
PORT B
CARRIER FREQ.
8 BIT CORE
PA0..PA7 (8-bit)
PB0..PB7 (8-bit)
PC0, PC1, PC6, PC7
PORT C
VDD
LOW VOLTAGE
DETECTOR
TIMER
SYSTEM
VPP
PC5
CONTRO L
Internal
CLOCK
ROM
8K/12K/16K/24K/32K
RAM
256/384
GENERATOR
OSCout
OSCin
WKP
RESET



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com