Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECCM1 Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # ECCM1
Description  CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

ECCM1 Datasheet(HTML) 1 Page - Ecliptek Corporation

  ECCM1 Datasheet HTML 1Page - Ecliptek Corporation ECCM1 Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ECCM1 Series
• RoHS Compliant (Pb-Free)
• Four pad ceramic SMD package
• AT cut
• Tight tolerance/stability
• Frequencies to 70.000MHz available
• Tape and reel available
CRYSTAL
ECCM1
MANUFACTURER
CATEGORY
SERIES
PACKAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
CRYSTAL
ECCM1
CERAMIC
CR08
03/08
EQUIVALENT SERIES RESISTANCE (ESR), MODE OF OPERATION (MODE), AND CUT
NOTES
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
ELECTRICAL SPECIFICATIONS
Frequency Range
Frequency Tolerance / Stability
Over Operating Temperature Range
Operating Temperature Range
Aging (at 25°C)
Spurious Response
Storage Temperature Range
Shunt Capacitance
Insulation Resistance
Drive Level
Load Capacitance (C
L)
7.680MHz to 70.000MHz
±50ppm / ±100ppm (Standard), ±30ppm / ±50ppm,
±15ppm / ±30ppm, ±15ppm / ±20ppm, or ±10ppm / ±15ppm
0°C to 70°C (Standard), -20°C to 70°C, or -40°C to 85°C
±3ppm / year Maximum
-3dB Minimum; F
0 to F0 +5000ppm
-40°C to 85°C
7pF Maximum
500 Megaohms Minimum at 100V
DC
50 µWatts Maximum, 50 µWatts Correlation
18pF Parallel Resonant (Standard)
Series Resonant
12pF Parallel Resonant to 50pF Resonant
Frequency Range
7.680MHz to 9.999MHz
10.000MHz to 10.999MHz
11.000MHz to 13.999MHz
14.000MHz to 15.999MHz
ESR (
Ω)
90 Max
60 Max
50 Max
40 Max
Mode / Cut
Fundamental / AT
Fundamental / AT
Fundamental / AT
Fundamental / AT
ESR (
Ω)
30 Max
30 Max
100 Max
80 Max
Mode / Cut
Fundamental / AT
Fundamental / AT
Third Overtone / AT
Third Overtone / AT
Frequency Range
16.000MHz to 24.999MHz
25.000MHz to 35.999MHz
36.000MHz to 39.999MHz
40.000MHz to 70.000MHz
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
H
1.3
L
7.0
W
5.0


Similar Part No. - ECCM1

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
ECCM2 ECLIPTEK-ECCM2 Datasheet
42Kb / 2P
2.5mmCeramic Surface Mount Crystal
ECCM2-20-30.000M ECLIPTEK-ECCM2-20-30.000M Datasheet
42Kb / 2P
2.5mmCeramic Surface Mount Crystal
ECCM2-20-30.000MTR ECLIPTEK-ECCM2-20-30.000MTR Datasheet
42Kb / 2P
2.5mmCeramic Surface Mount Crystal
ECCM2-20-30000M ECLIPTEK-ECCM2-20-30000M Datasheet
42Kb / 2P
2.5mmCeramic Surface Mount Crystal
ECCM2-20-30000MTR ECLIPTEK-ECCM2-20-30000MTR Datasheet
42Kb / 2P
2.5mmCeramic Surface Mount Crystal
More results

Similar Description - ECCM1

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC26T ECLIPTEK-EC26T Datasheet
103Kb / 3P
CRYSTAL
E8WS ECLIPTEK-E8WS Datasheet
108Kb / 2P
CRYSTAL
E7WS ECLIPTEK-E7WS Datasheet
165Kb / 3P
CRYSTAL
E4WC ECLIPTEK-E4WC Datasheet
103Kb / 2P
CRYSTAL
E1S ECLIPTEK-E1S Datasheet
108Kb / 2P
CRYSTAL
ECPSM310T ECLIPTEK-ECPSM310T Datasheet
150Kb / 3P
CRYSTAL
logo
Abracon Corporation
AXS-3030-06-03 ABRACON-AXS-3030-06-03 Datasheet
402Kb / 1P
CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3215-02-01 ABRACON-AXS-3215-02-01 Datasheet
402Kb / 1P
CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3838-08-01 ABRACON-AXS-3838-08-01 Datasheet
425Kb / 1P
CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-4115-02-06 ABRACON-AXS-4115-02-06 Datasheet
402Kb / 1P
CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com