Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECCM1 Datasheet(PDF) 2 Page - Ecliptek Corporation

Part # ECCM1
Description  CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

ECCM1 Datasheet(HTML) 2 Page - Ecliptek Corporation

  ECCM1 Datasheet HTML 1Page - Ecliptek Corporation ECCM1 Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
MARKING SPECIFICATIONS
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS
PARAMETER
SPECIFICATION
ESD Susceptibility
MIL-STD-883, Method 3015, Class 1, HBM: 1500V
Fine Leak Test
MIL-STD-883, Method 1014, Condition A
Gross Leak Test
MIL-STD-883, Method 1014, Condition C
Flammability
UL94-V0
Mechanical Shock
MIL-STD-883, Method 2002, Condition B
Moisture Resistance
MIL-STD-883, Method 1004
Moisture Sensitivity
J-STD-020, MSL 1
Resistance to Soldering Heat
MIL-STD-202, Method 210, Condition K
Resistance Solvents
MIL-STD-202, Method 215
Solderability
MIL-STD-883, Method 2003
Temperature Cycling
MIL-STD-883, Method 1010, Condition B
Vibration
MIL-STD-883, Method 2007, Condition A
Line 1: E XX.XX
Frequency in MHz
(4 Digits Maximum + Decimal)
Line2: XXXXX
Ecliptek Manufacturing Identifier
MANUFACTURER
CATEGORY
SERIES
PACKAGE
CLASS
REV
.DATE
ECLIPTEK CORP.
CRYSTAL
ECCM1
CERAMIC
CR08
03/08
FREQUENCY TOLERANCE / STABILITY
Blank=±50ppm at 25°C, ±100ppm from 0°C to 70°C
A=±50ppm at 25°C, ±100ppm from -20°C to 70°C
B=±50ppm at 25°C, ±100ppm from -40°C to 85°C
C=±30ppm at 25°C, ±50ppm from 0°C to 70°C
D=±30ppm at 25°C, ±50ppm from -20°C to 70°C
E=±30ppm at 25°C, ±50ppm from -40°C to 85°C
F=±15ppm at 25°C, ±30ppm from 0°C to 70°C
G=±15ppm at 25°C, ±30ppm from -20°C to 70°C
H=±15ppm at 25°C, ±30ppm from -40°C to 85°C
J=±15ppm at 25°C, ±20ppm from 0°C to 70°C
K=±15ppm at 25°C, ±20ppm from -20°C to 70°C
L=±15ppm at 25°C, ±20ppm from -40°C to 85°C
M=±10ppm at 25°C, ±15ppm from 0°C to 70°C
N=±10ppm at 25°C, ±15ppm from -20°C to 70°C
P=±10ppm at 25°C, ±15ppm from -40°C to 85°C
PACKAGING OPTIONS
Blank=Bulk, TR=Tape and Reel
FREQUENCY
SUGGESTED SOLDER PAD LAYOUT
ALL DIMENSIONS IN MILLIMETERS
Tolerances = ±0.2
PART NUMBERING GUIDE
ECCM1 C T - 20 - 40.000M TR
TAPE AND REEL DIMENSIONS
ALL DIMENSIONS IN MILLIMETERS
MODE OF OPERATION / CRYSTAL CUT
Blank=Fundamental / AT, T=Third Overtone / AT
LOAD CAPACITANCE
Blank=18pF (Standard)
S=Series Resonant
XX=12pF Parallel Resonant to 50pF Parallel Resonant
M
N
O
P
Q
1.5 MIN
50 MIN
20.2 MIN
13±.2
40 MIN
R
S
T
U
V
QTY/REEL
2.5 MIN
10 MIN
22.4 MAX
360 MAX
16.4+2-0
3,000
REEL
A
B
C
D
E
16±.3
7.5 ±.2
6.75±.2
4 ±.2
2±.2
F
G
H
J
K
L
8±.2
5.4±.1
1.5 +.1
7.9±.1
.3 ±.05
1.7±.1
TAPE
*Compliant to EIA-481A
800-ECLIPTEK www.ecliptek.com for latest revision
Specifications subject to change without notice.
7.00
±0.15
5.00
±0.15
1.3 MAX
1.0 ±0.2
(x4)
4.6
±0.2
1.2 ±0.1
(x3)
2.54 ±0.20
1.5 +0.1/-0.4
2
3
4
1
2
3
4
1
Pad 1: Input/Output
Pad 2: Cover/Ground
Pad 3: Input/Output
Pad 4: Cover/Ground
*
*Available only from 7.680MHz to 27.000MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com