Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST730A Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST730A
Description  5V STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST730A Datasheet(HTML) 2 Page - STMicroelectronics

  ST730A Datasheet HTML 1Page - STMicroelectronics ST730A Datasheet HTML 2Page - STMicroelectronics ST730A Datasheet HTML 3Page - STMicroelectronics ST730A Datasheet HTML 4Page - STMicroelectronics ST730A Datasheet HTML 5Page - STMicroelectronics ST730A Datasheet HTML 6Page - STMicroelectronics ST730A Datasheet HTML 7Page - STMicroelectronics ST730A Datasheet HTML 8Page - STMicroelectronics ST730A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ST730A
2/9
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
THERMAL DATA
(*) This value depends from thermal design of PCB on which the device is mounted.
ORDERING CODES
Symbol
Parameter²
Value
Unit
VCC
DC Input Voltage
-0.3 to 12
V
VLX
Switch Pin Voltage
-0.3 to (VCC + 0.3)
V
VSHDN
Shutdown Voltage (SHDN)
-0.3 to (VCC + 0.3)
V
VS,VC
Soft Start (SS) and Compensation Capacitor (CC) Pins Voltage
-0.3 to (VCC + 0.3)
V
ILX
Switching Peak Current
2A
IREF
Reference Current
2.5
mA
PTOT
Continuous Power Dissipation at TA=70°C (DIP-8)
(SO-8)
550
344
mW
mW
Tstg
Storage Temperature Range
-40 to +150
°C
Top
Operating Junction Temperature Range (C series)
(B series)
0to +70
-40 to +85
°C
°C
Symbol
Parameter
SO-8
DIP-8
Unit
Rthj-amb
Thermal Resistance Junction-ambient (*)
160
100
°C/W
TYPE
DIP8
SO-8
SO-8 (T&R)
ST730AB
ST730ABN
ST730ABD
ST730ABD-TR
ST730AC
ST730ACN
ST730ACD
ST730ACD-TR



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com