Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST730A Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST730A
Description  5V STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST730A Datasheet(HTML) 4 Page - STMicroelectronics

  ST730A Datasheet HTML 1Page - STMicroelectronics ST730A Datasheet HTML 2Page - STMicroelectronics ST730A Datasheet HTML 3Page - STMicroelectronics ST730A Datasheet HTML 4Page - STMicroelectronics ST730A Datasheet HTML 5Page - STMicroelectronics ST730A Datasheet HTML 6Page - STMicroelectronics ST730A Datasheet HTML 7Page - STMicroelectronics ST730A Datasheet HTML 8Page - STMicroelectronics ST730A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ST730A
4/9
ELECTRICAL CHARACTERISTICS (VCC=5V, IO =0mA, TA =TMIN to TMAX, unless otherwise specified.)
TYPICAL APPLICATION CIRCUIT
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Input Voltage
4
11
V
VO
Output Voltage
VCC =6 to 11V
IO =0 to 450mA
4.75
5
5.25
V
∆V
O
Line Regulation
VCC = 5.2 to 11V
0.15
%/V
∆V
O
Load Regulatio
IO = 0 to 450mA
0.005
%/mA
η
Power Efficency
IO =300mA
92
%
ISUPPLY Supply Current
ON Mode
OFF Mode, SHDN=0
0.8
0.3
2.5
100
mA
µA
VIH
SHDN Input High Threshold
2
V
VIL
SHDN Input Low Threshold
0.25
V
ISHDN
Shutdown Input Leakage
Current
1
µA
VLOCK Under Voltage Lockout
VCC Falling
2.7
3
V
RDS(on) LX On Resistance
ILX=500mA
0.5
ILX
LX Leakage Current
VCC = 12V
VLX =0V
1
µA
VREF
Reference Voltage
TA = 25°C
1.17
1.24
1.31
V
∆V
REF
Temperature Reference
Drift
50
ppm/°C
fOSC
Switching Frequency
B series
C series
180
160
200
220
280
KHz
RC
Compensation Pin
Impedance
7500



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com