Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST735S Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST735S
Description  300kHz, -5V/ADJ INVERTING, NEGATIVE OUTPUT CURRENT-MODE PWM REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST735S Datasheet(HTML) 1 Page - STMicroelectronics

  ST735S Datasheet HTML 1Page - STMicroelectronics ST735S Datasheet HTML 2Page - STMicroelectronics ST735S Datasheet HTML 3Page - STMicroelectronics ST735S Datasheet HTML 4Page - STMicroelectronics ST735S Datasheet HTML 5Page - STMicroelectronics ST735S Datasheet HTML 6Page - STMicroelectronics ST735S Datasheet HTML 7Page - STMicroelectronics ST735S Datasheet HTML 8Page - STMicroelectronics ST735S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
October 2002
s
CONVERTS +4.0V TO + 6.2V INPUT TO -5V
OUTPUT (735S) OR +3.5V TO + 9.0V TO A
NEGATIVE ADJUSTABLE OUTPUT (735T)
s
1W GUARANTEED OUTPUT POWER
s
72% TYPICAL EFFICIENCY
s
0.8mA QUIESCENT CURRENT
s
1µA SHUTDOWN MODE
s
300KHZ FIXED FREQUENCY OSCILLATOR
s
CURRENT MODE PWM CONVERTER
s
LOW NOISE AND JITTER
s
SOFT START
s
SIMPLE APPLICATION CIRCUIT
s
UNDERVOLTAGE LOCKOUT (735S)
DESCRIPTION
The ST735S/ST735T is a Bi-CMOS, inverting
switch mode DC-DC regulator with internal Power
MOSFET that generates a fixed -5V (S version) or
a negative adjustable (T version) output voltage
from a 4V (3.5V for the 735T) to 6.2V input voltage
(9V for the 735T); is guaranteed an output current
of 200mA for inputs greater than 4.5V. The
quiescent current for this device is typically of
0.8mA and, in shutdown mode it is reduced to
1µA.
These power-conserving features, along with high
efficiency and applications circuits, thaT lend itself
to minaturization, make the ST735S/ST735T
excellent in a broad range of on-card, HDD and
portable equipment
applications. These device
employ a high performance current mode pulse
with modulation (PWM) control scheme to provide
tight output voltage regulation and low noise. The
fixed frequency oscillator is factory trimmed to
300KHz, allowing for easy noise filtering. The
regulator in production is tested to guarantee an
output accuracy within ±5% over all specified
conditions.
ST735S
ST735T
300kHz, -5V/ADJ INVERTING, NEGATIVE OUTPUT
CURRENT-MODE PWM REGULATOR
SCHEMATIC DIAGRAM
DIP-8
SO-8


Similar Part No. - ST735S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST735 STMICROELECTRONICS-ST735 Datasheet
268Kb / 9P
-5V INVERTING, NEGATIVE OUTPUT CURRENT-MODE PWM REGULATOR
Aug-2002
ST735CD STMICROELECTRONICS-ST735CD Datasheet
268Kb / 9P
-5V INVERTING, NEGATIVE OUTPUT CURRENT-MODE PWM REGULATOR
Aug-2002
ST735CD-TR STMICROELECTRONICS-ST735CD-TR Datasheet
268Kb / 9P
-5V INVERTING, NEGATIVE OUTPUT CURRENT-MODE PWM REGULATOR
Aug-2002
ST735CN STMICROELECTRONICS-ST735CN Datasheet
268Kb / 9P
-5V INVERTING, NEGATIVE OUTPUT CURRENT-MODE PWM REGULATOR
Aug-2002
More results

Similar Description - ST735S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST735 STMICROELECTRONICS-ST735 Datasheet
268Kb / 9P
-5V INVERTING, NEGATIVE OUTPUT CURRENT-MODE PWM REGULATOR
Aug-2002
ST755 STMICROELECTRONICS-ST755 Datasheet
80Kb / 9P
ADJUSTABLE INVERTING NEGATIVE OUTPUT CURRENT MODE PWM REGULATORS
Sep-1998
logo
Maxim Integrated Produc...
MAX1846 MAXIM-MAX1846 Datasheet
452Kb / 20P
High-Efficiency, Current-Mode, Inverting PWM Controller
19-2091; Rev 0; 8/01
MAX735 MAXIM-MAX735 Datasheet
311Kb / 8P
-5V/Adjustable, Negative-Output,Inverting, Current-mode PWM Regulators
19-0017; Rev 1; 9/92
MAX736 MAXIM-MAX736 Datasheet
541Kb / 12P
-5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators
19-4749; Rev 3; 5/93
MAX751 MAXIM-MAX751 Datasheet
448Kb / 12P
5V-Output, Step-Up, Current-Mode PWM DC-DC Converter
Rev 1; 11/96
logo
Hitachi Semiconductor
HA17384PS HITACHI-HA17384PS Datasheet
159Kb / 6P
CURRENT MODE PWM CONTROL SWITTCHING REGULATOR ICS
logo
STMicroelectronics
ST755C STMICROELECTRONICS-ST755C Datasheet
311Kb / 16P
Adjustable inverting negative output current mode PWM regulators
06-Jul-2007
logo
Maxim Integrated Produc...
MAX1846EUB-T MAXIM-MAX1846EUB-T Datasheet
325Kb / 20P
High-Efficiency, Current-Mode, Inverting PWM Controller
Rev 2; 9/10
logo
List of Unclassifed Man...
THX208 ETC2-THX208 Datasheet
804Kb / 22P
High-performance current - mode PWM regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com