Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST735S Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST735S
Description  300kHz, -5V/ADJ INVERTING, NEGATIVE OUTPUT CURRENT-MODE PWM REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST735S Datasheet(HTML) 3 Page - STMicroelectronics

  ST735S Datasheet HTML 1Page - STMicroelectronics ST735S Datasheet HTML 2Page - STMicroelectronics ST735S Datasheet HTML 3Page - STMicroelectronics ST735S Datasheet HTML 4Page - STMicroelectronics ST735S Datasheet HTML 5Page - STMicroelectronics ST735S Datasheet HTML 6Page - STMicroelectronics ST735S Datasheet HTML 7Page - STMicroelectronics ST735S Datasheet HTML 8Page - STMicroelectronics ST735S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ST735S/ST735T
3/11
ORDERING CODES
TYPICAL APPLICATION CIRCUIT
NOTE:
1) All capacitors are X7R ceramic
2) C5 can be omitted if are used higher values for the input and output capacitors (suggested C2=47µF, C1=100µF).
3) R1 and R2 must be placed is ST735T applications only. Their values are calculated by the following formula R2=(|VOUT|/VREF)xR1.For R1
can be chosen any value between 2k
Ω and 20kΩ
APPLICATION CIRCUIT
To achieve the best performances from switching
power supply topology, particular care to layout
drawing is needed, in order to minimize EMI and
obtain low noise. Moreover, jitter free operation
ensures the full device functionality. Layout design
proposed on demoboard helps to lower the
developing time. Wire lengths must be minimized,
filter and bypass capacitors must be low ESR
type, placed as close as possible to the integrated
circuit. The 4.7
µF (or 6.8µF) inductor must be
chosen built on a core, taking care that saturation
current should be higher than the peak LX switch
current. See the Peak Inductor Current vs Output
Current graph.
PRINTED DEMOBOARD (not in scale)
TYPE
DIP-8
SO-8
SO-8 (T&R)
ST735S
ST735SCN
ST735SCD
ST735SCD-TR
ST735T
ST735TCN
ST735TCD
ST735TCD-TR



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com