Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75185 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST75185
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75185 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST75185 Datasheet HTML 5Page - STMicroelectronics ST75185 Datasheet HTML 6Page - STMicroelectronics ST75185 Datasheet HTML 7Page - STMicroelectronics ST75185 Datasheet HTML 8Page - STMicroelectronics ST75185 Datasheet HTML 9Page - STMicroelectronics ST75185 Datasheet HTML 10Page - STMicroelectronics ST75185 Datasheet HTML 11Page - STMicroelectronics ST75185 Datasheet HTML 12Page - STMicroelectronics ST75185 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ST75185
9/18
Figure 8 : Receiver Voltage Waveforms
NOTE A: The pulse generator has the following characteristics: tW = 25µs, PRR = 20KHz, ZO =50 Ω,tr =tf < 50ns
NOTE B: CL includes probe and jig capacitance.
Figure 9 : Driver Voltage Transfer Characteristics
Figure 10 : Driver Short Circuit Output Current vs
Free-Air Temperature
Figure 11 : Device Supply Current vs
Temperature
Figure 12 : Driver Output Current vs Output
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com