Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75185 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST75185
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75185 Datasheet(HTML) 3 Page - STMicroelectronics

  ST75185 Datasheet HTML 1Page - STMicroelectronics ST75185 Datasheet HTML 2Page - STMicroelectronics ST75185 Datasheet HTML 3Page - STMicroelectronics ST75185 Datasheet HTML 4Page - STMicroelectronics ST75185 Datasheet HTML 5Page - STMicroelectronics ST75185 Datasheet HTML 6Page - STMicroelectronics ST75185 Datasheet HTML 7Page - STMicroelectronics ST75185 Datasheet HTML 8Page - STMicroelectronics ST75185 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ST75185
3/18
ABSOLUTE MAXIMUM RATINGS OVER OPERATING FREE-AIR TEMPERATURE RANGE
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
NOTE 1: All voltage are with respect to the network ground terminal.
DISSIPATION RATING TABLE
(*) This is the reverse of the traditional junction-case thermal resistance RtJ-C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VDD
Supply Voltage (Note 1)
15
V
VSS
Supply Voltage (Note 1)
-15
V
VCC
Supply Voltage (Note 1)
10
V
VI
Input Voltage Range (DRIVER)
-15 to 7
V
VI
Input Voltage Range (RECEIVER)
-30 to 30
V
VO
Output Voltage Range (DRIVER)
-15 to 15
V
IO
Receiver Low Level Output Current
20
mA
PD
Continuous Total Power Dissipation
See dissipation Rating Table
TA
Operating Free-Air Tempereature Range
0to 70
°C
Tstg
Storage Temperature Range
-65 to + 150
°C
TL
Lead Temperature 1.6mm from case for 10 sec
260
°C
Package
Power Rating
at TA ≤ 25°C
Derating Factor
above TA = 25°C (*)
Power Rating
at TA ≤ 70°C
MICROPACKAGE (D)
1125 mW
9.0 mW/°C
720 mW
Symbol
Parameter
Min
Max
Unit
VDD
Supply Voltage
7.5
15
V
VSS
Supply Voltage
-7.5
-15
V
VCC
Supply Voltage
4.5
5.5
V
VI
Driver Input Voltage
0
VCC
V
IOH
High Level Output Current
DRIVER
-6
mA
RECEIVER
-0.5
IOL
Low Level Output Current
DRIVER
6
mA
RECEIVER
16
TA
Operating Free-Air Tempereature Range
070
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com