Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75285 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST75285
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75285 Datasheet(HTML) 2 Page - STMicroelectronics

  ST75285 Datasheet HTML 1Page - STMicroelectronics ST75285 Datasheet HTML 2Page - STMicroelectronics ST75285 Datasheet HTML 3Page - STMicroelectronics ST75285 Datasheet HTML 4Page - STMicroelectronics ST75285 Datasheet HTML 5Page - STMicroelectronics ST75285 Datasheet HTML 6Page - STMicroelectronics ST75285 Datasheet HTML 7Page - STMicroelectronics ST75285 Datasheet HTML 8Page - STMicroelectronics ST75285 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ST75285
2/13
PIN DESCRIPTION
PlN N°
SYMBOL
NAME AND FUNCTION
1VDD
Supply Voltage (+12V)
2
RIN1
First Receiver Input
3
RIN2
Second Receiver Input
4
RIN3
Third Receiver Input
5
TOUT1
First Driver Output
6
TOUT2
Second Driver Output
7
RIN4
Fourth Receiver Input
8
TOUT3
Third Driver Output
9
RIN5
Fifth Receiver Input
10
VCC
Supply Voltage (-12V)
11
RIN6
Sixth Receiver Input
12
TOUT4
Fourth Driver Output
13
RIN7
Seventh Receiver Input
14
TOUT5
Fifth Driver Output
15
TOUT6
Sixth Driver Output
16
RIN8
Eighth Receiver Input
17
RIN9
Nineth Receiver Input
18
RIN10
Tenth Receiver Input
19
VDD
Supply Voltage (-12V)
20
VSS
Supply Voltage (+5V)
21
ROUT10
Tenth Receiver Ouput
22
ROUT9
Nineth Receiver Ouput
23
ROUT8
Eighth Receiver Ouput
24
TIN6
Sixth Driver Input
25
TIN5
Fifth Driver Input
26
ROUT7
Seventh Receiver Ouput
27
TIN4
Fourth Driver Input
28
ROUT6
Sixth Receiver Output
29
GND
Ground
30
ROUT5
Fifth Receiver Output
31
TIN3
Third Driver Input
32
ROUT4
Fourth Receiver Output
33
TIN2
Second Driver Input
34
TIN1
First Driver Input
35
ROUT3
Third Receiver Ouput
36
ROUT2
Second Receiver Ouput
37
ROUT1
First Receiver Ouput
38
VSS
Supply Voltage (+5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com