Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75285 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST75285
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75285 Datasheet(HTML) 4 Page - STMicroelectronics

  ST75285 Datasheet HTML 1Page - STMicroelectronics ST75285 Datasheet HTML 2Page - STMicroelectronics ST75285 Datasheet HTML 3Page - STMicroelectronics ST75285 Datasheet HTML 4Page - STMicroelectronics ST75285 Datasheet HTML 5Page - STMicroelectronics ST75285 Datasheet HTML 6Page - STMicroelectronics ST75285 Datasheet HTML 7Page - STMicroelectronics ST75285 Datasheet HTML 8Page - STMicroelectronics ST75285 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ST75285
4/13
RECOMMENDED OPERATING CONDITIONS
SUPPLY CURRENTS
DRIVER ELECTRICAL CHARACTERISTICS OVER OPERATING FREE-AIR TEMPERATURE
RANGE (VDD =9V, VSS =-9V, VCC = 5V, unless otherwise specified)
NOTE 3: The algebraic convention, where the more positive (less negative) limits designated as maximum, is used in this datasheet for logic
levels only (e.g. if - 10V is a maximum, the typical value is a more negative voltage).
NOTE 4: Output short circuit conditions must maintain the total power dissipation below absolute maximum ratings.
NOTE 5: Test conditions are those specified by EIA-232-E and as listed above.
Symbol
Parameter
Min
Max
Unit
VDD
Supply Voltage
7.5
15
V
VSS
Supply Voltage
-7.5
-15
V
VCC
Supply Voltage
4.5
5.5
V
VI
Driver Input Voltage
0
VCC
V
IOH
High Level Output Current
DRIVER
-6
mA
RECEIVER
-0.5
IOL
Low Level Output Current
DRIVER
6
mA
RECEIVER
16
TA
Operating Free-Air Tempereature
070
°C
Symbol
Parameter
Test Conditions
Value
Unit
VDD
VSS
Min.
Typ.
Max.
IDD
Supply Current from VDD
9
-9
No load.
All inputs at
1.9V
22
mA
12
-12
28
15
-15
32
9
-9
No load.
All inputs at
0.8V
9mA
12
-12
11
15
-15
12
ISS
Supply Current from VSS
9
-9
No load.
All inputs at
1.9V
-22
mA
12
-12
-28
15
-15
-32
9
-9
No load.
All inputs at
0.8V
-6.4
mA
12
-12
-6.4
15
-15
-6.4
ICC
Supply Current from VCC
No load. All inputs at 5V
VCC =5V
60
mA
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VOH
High Level Output Voltage
VIL =0.8 V RL =3KΩ (See Figure 1)
6
7.5
V
VOL
Low Level Output Voltage
(Note 3)
VIH =1.9 V RL =3KΩ (See Figure 1)
-7.5
-6
V
IIH
High Level Input Current
VI = 5 V (See Figure 2)
10
µA
IIL
Low Level Input Current
VI = 0 V (See Figure 2)
−1.6
mA
IOS(H)
High Level Short Circuit
Output Current (Note 4)
VIL =0.8 V
VO = 0 V (See Figure 1)
-4.5
−12
−19.5
mA
IOS(L)
Low Level Short Circuit
Output Current
VIH =2 V
VO = 0 V (See Figure 1)
4.5
12
19.5
mA
RO
Output Resistance
VDD =VSS =VCC =0 V
VO = -2 to 2 V (Note 5)
300
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com