Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST755CD Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST755CD
Description  ADJUSTABLE INVERTING NEGATIVE OUTPUT CURRENT MODE PWM REGULATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST755CD Datasheet(HTML) 3 Page - STMicroelectronics

  ST755CD Datasheet HTML 1Page - STMicroelectronics ST755CD Datasheet HTML 2Page - STMicroelectronics ST755CD Datasheet HTML 3Page - STMicroelectronics ST755CD Datasheet HTML 4Page - STMicroelectronics ST755CD Datasheet HTML 5Page - STMicroelectronics ST755CD Datasheet HTML 6Page - STMicroelectronics ST755CD Datasheet HTML 7Page - STMicroelectronics ST755CD Datasheet HTML 8Page - STMicroelectronics ST755CD Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL CHARACTERISTICS (Refer to the test circuits, VCC = 5V, Vout = -5.25 to -4.75V,
Iload = 0mA, Ta =Tmin to Tmax unless otherwise specified. Typical Value are referred at Ta =25
oC)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
2.7
11
V
Vo
Output Voltage
Io =0 mA to 200 mA VCC = 4.5 to 6.2 V
-5.25
-5
-4. 75
V
Io
Output Current
VCC = 4.5 to 6.2 V Ta =0
oCto 70 oC
VCC = 4.5 to 6.2 V Ta = -40
oCto 85 oC
VCC =4 V
Vout =-5 V
VCC = 2.7 V
Vout =-5 V
200
175
275
175
125
mA
mA
mA
mA
ISUPPLY Supply Current (Including
Switching Current)
No Load, VSHDN =VCC
1. 2
3.5
mA
IOFF
Standby Current
No Load,
VSHDN = 0V
10
100
µA
ISC
Short Circuit Current
1. 2
A
∆Vo
Line Regulation
VCC = 4 to 6.2 V
0. 1
%/V
∆Vo
Load Regulation
Io = 0 mA to 200 mA
0.003
%/mA
VREF
Reference Voltage
Ta =25
oC
1.18
1.25
1.32
V
∆VREF Reference Dritft
Ta =Tmin to Tmax
50
ppm/
oC
RDSON
LX On Resistance
0. 7
ILEAK
LX Leakage Current
VDS =10 V
1
µA
ISH
Shutdown Pin Current
1
µA
Vil
Shutdown Input Low Threshold
0.25
V
Vih
Shutdown Input High
Threshold
2V
fo
Oscillator Frequency
160
KHz
ν
Power Efficency
Io = 100 mA
68
%
CC
Compensation Pin Impedance
7. 5
K
Do not overload or short the Output to Ground. If the above conditions are observerd, the device may be damaged.
APPLICATION INFORMATION
The ST755 is an IC developed for voltage
conversion from an input voltage ranging from
+2.4V to 11V to a regulated adjustable negative
output limited by |Vout|
≤ 12.7V-VIN. The circuit
adopts a current-mode PWM control scheme to
achieve good efficiency , high stability and low
noise performance. The figure in the first page
shown the detailed block diagram of the device.
ST755 is realized in a BCD technology in order to
achieve high temperature stability, the best
REFERENCE precision , a very low quiescent
current and jitter free operations. The final stage
is built around a 0.7
Ω - 2A P-Channel Power
MOS. A fraction of the output current is splitted
out for current detection.Internal clock frequency
is fixed to 160KHz. Error amplifier drives the
PWM comparator in order to keep 0V on the CC
input. So R3 and R4 resistors are calculated by
the following formulae R4 = (|Vout|/Vref)*R3 (see fig
1). For R3 can be choosen any value between
2K
Ω and 20KΩ. Soft-Start (SS) input is a voltage
dependent-output current limit (see figure 9,
Switch Current Limit vs. SS Input Voltage). SS
pin is internally pulled to Vref through a 1.2 M
resistor. Applying an appropiate capacitor at SS
input is
possible to obtain a soft-start current
limitation during power up. Forcing Soft-Start (SS)
input to a lower voltage through a resistive
voltage driver (R1 and R2), the maximum LX
curent limit can be lowered according the
diagram showed in figure 9. When SHDN input is
low, the total current consumption is reduced to
10
µA.
ST755
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com