Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST755CD Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST755CD
Description  ADJUSTABLE INVERTING NEGATIVE OUTPUT CURRENT MODE PWM REGULATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST755CD Datasheet(HTML) 4 Page - STMicroelectronics

  ST755CD Datasheet HTML 1Page - STMicroelectronics ST755CD Datasheet HTML 2Page - STMicroelectronics ST755CD Datasheet HTML 3Page - STMicroelectronics ST755CD Datasheet HTML 4Page - STMicroelectronics ST755CD Datasheet HTML 5Page - STMicroelectronics ST755CD Datasheet HTML 6Page - STMicroelectronics ST755CD Datasheet HTML 7Page - STMicroelectronics ST755CD Datasheet HTML 8Page - STMicroelectronics ST755CD Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
APPLICATION CIRCUIT
To achieve the best performances from switching
power supply topology, particular care to layout
drawing is needed, in order to minimize EMI and
obtain low noise, jitter free operation moreover, it
ensures the full device functionality. Layout
design proposed on demoboard (see picture 2)
helps to lower the developing time.
Wire lengths must be minimized, filter and
by-pass capacitors C1,C2 and C3 must be low
ESR type, placed as close possible to the
integrated circuit. The 10
µH inductor must be
chosen built on a core, taking care that saturation
current should be higher than the peak LX switch
current. See the PEAK INDUCTOR CURRENT
vs. LOAD CURRENT graph ( figure 6)
Figure 1: TYPICAL APPLICATION CIRCUIT
Figure 2: Printed Demoboard
Symbol
Pin
VCC
1
Vout
2
SHDN
3
GND
4
Component Values
Capacitor
Value
Unit
Resistor
Value
Unit
C1
47
µFR1
130
K
C2
100
µFR2
300
K
C3
82
pF
R3
10
K
C4
1
µFR4
40.7
K
C5
10
µFR5
10
K
C6
47
pF
(*) R1 and R2 can be omitted for Iout<200mA.
(**) C6: Very low noise but poor transient and load response speed.
(***) C3 (alternative to C6): faster transient and load response.
ST755
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com