Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C176 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST75C176
Description  LOW POWER RS-485/RS-422 TRANSCEIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C176 Datasheet(HTML) 2 Page - STMicroelectronics

  ST75C176 Datasheet HTML 1Page - STMicroelectronics ST75C176 Datasheet HTML 2Page - STMicroelectronics ST75C176 Datasheet HTML 3Page - STMicroelectronics ST75C176 Datasheet HTML 4Page - STMicroelectronics ST75C176 Datasheet HTML 5Page - STMicroelectronics ST75C176 Datasheet HTML 6Page - STMicroelectronics ST75C176 Datasheet HTML 7Page - STMicroelectronics ST75C176 Datasheet HTML 8Page - STMicroelectronics ST75C176 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ST75C176
2/13
PIN CONFIGURATION
PIN DESCRIPTION
TRUTH TABLE (DRIVER)
X= Don’t Care; Z=High Impedance
TRUTH TABLE (RECEIVER)
X= Don’t Care; Z=High Impedance
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
PlN N°
SYMBOL
NAME AND FUNCTION
1
RO
Receiver Output
2RE
Receiver Output Enable
3
DE
Driver Output Enable
4
DI
Driver Input
5
GND
Ground
6
A
Non-inverting Receiver Input and Non-inverting Driver Output
7
B
Inverting Receiver Input and Inverting Driver Output
8
VCC
Supply Voltage
INPUTS
OUTPUTS
RE
DE
DI
B
A
XH
H
L
H
XH
L
H
L
XLX
ZZ
INPUTS
OUTPUT
RE
DE
A-B
RO
LL
≥ +0.2V
H
LL
≤ -0.2V
L
L
L
INPUTS OPEN
H
HL
X
Z
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
7V
VI
Control Input Voltage (RE, DE)
-0.5 to (VCC + 0.5)
V
VDI
Driver Input Voltage (DI)
-0.5 to (VCC + 0.5)
V
VDO
Driver Output Voltage (A, B)
± 14
V
VRI
Receiver Input Voltage (A, B)
± 14
V
VRO
Receiver Output Voltage (RO)
-0.5 to (VCC + 0.5)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com