Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75C176 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST75C176
Description  LOW POWER RS-485/RS-422 TRANSCEIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C176 Datasheet(HTML) 3 Page - STMicroelectronics

  ST75C176 Datasheet HTML 1Page - STMicroelectronics ST75C176 Datasheet HTML 2Page - STMicroelectronics ST75C176 Datasheet HTML 3Page - STMicroelectronics ST75C176 Datasheet HTML 4Page - STMicroelectronics ST75C176 Datasheet HTML 5Page - STMicroelectronics ST75C176 Datasheet HTML 6Page - STMicroelectronics ST75C176 Datasheet HTML 7Page - STMicroelectronics ST75C176 Datasheet HTML 8Page - STMicroelectronics ST75C176 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ST75C176
3/13
DC ELECTRICAL CHARACTERISTICS
(VCC =5V ± 5%, TA =TMIN to TMAX , unless otherwise specified. Typical values are referred to TA = 25°C)
(See Note 1)
Note 1: All currents into device pins are positive; all cuttents out of device pins are negative; all voltages are referenced to device ground
unless specified.
Note 2: Supply current specification is valid for loaded transmitters when VDE =0V
Note 3: Applies to peak current. See typical Operating Characteristics.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOD1
Differential Driver Output
(No Load)
5V
VOD2
Differential Driver Output
(With Load)
RL =27Ω (RS-485) (See Fig. 1)
RL =50Ω (RS-422) (See Fig. 1)
1.5
5
5
V
V
∆V
OD
Change in Magnitude of
Driver Differential Output
Voltage for Complementary
Output States
RL =27Ω or 50Ω (See Fig. 1)
0.2
V
VOC
Driver Common-Mode
Output Voltage
RL =27Ω or 50Ω (See Fig. 1)
3
V
∆V
OC
Change in Magnitude of
Driver Common-Mode
Output Voltage for
Complementary Output
States
RL =27Ω or 50Ω (See Fig. 1)
0.2
V
VIH
Input High Voltage
RE, DE, DI
2.0
V
VIL
Input Low Voltage
RE, DE, DI
0.8
V
IIN1
Input Current
RE, DE, DI
± 2
µA
IIN2
Input Current (A, B)
VCM = 0V or 5.25V
VDE =0V
VIN = 12V
VIN = -7V
1
-0.8
mA
mA
VTH
Receiver Differential
Threshold Voltage
VCM = -7 to 12V
-0.2
0.2
V
∆V
TH
Receiver Input Hysteresis
VCM =0V
70
mV
VOH
Receiver Output High
Voltage
IO = -4mA
VID = 200mV
3.5
V
VOL
Receiver Output Low
Voltage
IO =4mA
VID = -200mV
0.4
V
IOZR
3-State (High Impedance)
Output Current at Receiver
VO = 0.4 to 2.4V
± 1
µA
RIN
Receiver Input Resistance
VCM = -7 to 12V
12
K
ICC
No Load Supply Current
(Note 2)
VRE =0V orVCC
VDE =VCC
VDE =0V
400
300
900
500
µA
µA
IOSD1
Driver Short-Circuit Current,
VO=High
VO = -7 to 12V (Note 3)
35
250
mA
IOSD2
Driver Short-Circuit Current,
VO=Low
VO = -7 to 12V (Note 3)
35
250
mA
IOSR
Receiver Short-Circuit
Current
VO =0V toVCC
795
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com